Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 75 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 75 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics AC16FSM Datasheet HTML 79Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 223 page
background image
Data Sheets
SCRs
©2002 Teccor Electronics
E6 - 9
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.13 Maximum Allowable Case Temperature versus
Average On-state Current (10 A through 20 A)
Figure E6.14 Maximum Allowable Case Temperature versus
Average On-state Current (25 A and 35 A)
Figure E6.15 Maximum Allowable Case Temperature versus
Average On-state Current (40 A through 70 A)
Figure E6.16 Maximum Allowable Case Temperature versus
Average On-state Current (55 A and 65 A)
Figure E6.17 Normalized dc Holding Current versus Case Temperature
Figure E6.18 Normalized DC Gate-Trigger Current versus
Case Temperature
024
6
8
10
12
14
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measured
as shown on dimensional drawings
20 A TO-220
(Isolated)
15 A TO-220
(Isolated)
10 A TO-220
(Non-isolated)
16 A
TO-
220
(Non-isolated)
an
d TO-
263
0
.4
8
12
16
20
24
50
60
70
80
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
35 A TO-218 (Non-isolated)
35 A TO-218 (Isolated)
25A TO-220 (Non-isolated)
and TO-263
25A TO-220 (Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
70 A TO-218X
(Non-isolated)
40 A TO-220
(Non-isolated)
and TO-263
55 A TO-218X
(Non-isolated)
65 A TO-218X
(Isolated)
0
1020304050
50
60
70
80
90
100
110
120
130
Average On-state Current [I
T(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure
as shown on dimensional drawings
55 A TO-218AC (Non-isolated)
*
* The R, K, or M package
rating is intended only for high
surge condition use and is not
recommended for >32 A (AV)
continuous current use since narrow
pin lead temperature can exceed PCB
solder melting temperature. J or W
packages are recommended for >32 A
(AV) continuous current requirements.
55 A TO-220
(Non-isolated)
and TO-263
*
65 A TO-218AC
(Isolated) *
-40
-15
+25
+65
+105 +125
0
.5
1.0
1.5
2.0
Case Temperature (TC) – ˚C
INITIAL ON-STATE CURRENT =
200 mA dc for 1 A to 20 A Devices
and 400 mA dc for 25 A to 70 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
2.0
Case Temperature (T
C) – ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com