Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 96 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 96 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 92Page - Teccor Electronics AC16FSM Datasheet HTML 93Page - Teccor Electronics AC16FSM Datasheet HTML 94Page - Teccor Electronics AC16FSM Datasheet HTML 95Page - Teccor Electronics AC16FSM Datasheet HTML 96Page - Teccor Electronics AC16FSM Datasheet HTML 97Page - Teccor Electronics AC16FSM Datasheet HTML 98Page - Teccor Electronics AC16FSM Datasheet HTML 99Page - Teccor Electronics AC16FSM Datasheet HTML 100Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 223 page
background image
Package Dimensions
Data Sheets
http://www.teccor.com
M1 - 4
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
P Package — TO-3 Fastpak
Isolated Mounting Base
Note: Maximum torque to be applied to mounting tab is 8 in-lbs.
(0.904 Nm).
E Package — TO-92
All leads insulated from case. Case is electrically nonconductive.
MT2
Gate
MT1
Φ G
5- Φ N
Φ J (MT1, MT2)
Φ K (Gate)
F
H
E
C
B
A
D
Q
O
R
S
P
U
T
I
M L
TC Measuring Point
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
1.531
1.543
38.90
39.20
B
1.177
1.185
29.90
30.10
C
0.843
0.850
21.40
21.60
D
0.780
0.795
19.80
20.20
E
0.783
0.791
19.90
20.10
F
0.874
0.906
22.20
23.00
G
0.161
0.169
4.10
4.30
H
0.386
0.465
9.80
11.80
I
0.508
0.587
12.90
14.90
J
0.079
0.087
2.00
2.20
K
0.047
0.055
1.20
1.40
L
0.307
0.319
7.80
8.10
M
0.372
0.396
9.45
10.05
N
0.043
0.059
1.10
1.50
O
0.315
0.331
8.00
8.40
P
0.098
0.106
2.50
2.70
Q
0.846
0.886
21.50
22.50
R
0.244
0.256
6.20
6.50
S
0.106
0.130
2.70
3.30
T (MT1)
0.321
0.329
8.15
8.35
T (MT2)
0.321
0.329
8.15
8.35
T (Gate)
0.220
0.228
5.60
5.80
U (MT1)
0.246
0.254
6.25
6.45
U (MT2)
0.246
0.254
6.25
6.45
U (Gate)
0.183
0.191
4.65
4.85
V
0.120
0.130
3.05
3.30
W
0.175
0.185
4.45
4.70
A
B
TC Measuring Point
Gate / PIN 2
Anode / MT2 / PIN 3
Cathode /
MT1 / PIN 1
E
H
G
F
D
K
J
L
M
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
F
0.046
0.054
1.16
1.37
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com