Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 74 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 74 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 70Page - Teccor Electronics AC16FSM Datasheet HTML 71Page - Teccor Electronics AC16FSM Datasheet HTML 72Page - Teccor Electronics AC16FSM Datasheet HTML 73Page - Teccor Electronics AC16FSM Datasheet HTML 74Page - Teccor Electronics AC16FSM Datasheet HTML 75Page - Teccor Electronics AC16FSM Datasheet HTML 76Page - Teccor Electronics AC16FSM Datasheet HTML 77Page - Teccor Electronics AC16FSM Datasheet HTML 78Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 223 page
background image
SCRs
Data Sheets
http://www.teccor.com
E6 - 8
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E6.7 Maximum Allowable Case Temperature versus
RMS On-state Current (10 A, 12 A, 16 A, and 20 A)
Figure E6.8 Maximum Allowable Case Temperature versus
RMS On-state Current (25 A and 35 A)
Figure E6.9 Maximum Allowable Case Temperature versus
RMS On-state Current (40 A through 70 A)
Figure E6.10 Maximum Allowable Case Temperature versus
RMS On-state Current (55 A and 65 A)
Figure E6.11 Maximum Allowable Case Temperature versus
Average On-state Current (1 A)
Figure E6.12 Maximum Allowable Case Temperature versus
Average On-state Current (8 A, 10 A, and 12 A)
04
8
12
16
20
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawing
10 A TO-220
(Non-isolated)
15 A TO-220
(Isolated)
20 A TO-220 (Isolated)
16 A TO-220 (Non-isolated)
and TO-263
10 A TO-251 and 10 A TO-252
12 A TO-220 (Non-isolated)
TO-251 and TO-252
0
4
8
121620
24
283236
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure
as shown on dimensional drawings
RMS On-state Current [IT(RMS)] – Amps
35 A TO-218
(Isolated)
25 A TO-220
(Non-isolated)
and TO-263
25 A TO-220
(Isolated)
0
10203040506070
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
65 A TO-218X
(Isolated)
55 A TO-218X
(Non-isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
40 A TO-220
(Non-isolated)
and TO-263
70 A TO-218X
(Non-isolated)
010
20
30
40
50
60
70
80
90
100
110
120
130
RMS On-state Current [IT(RMS)] – Amps
50
60
70
75
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
* The R, K or M package rating
is intended only for high surge
condition use and is not recommended
for >50 A rms continuous
current use, since narrow pin lead
temperature can exceed PCB solder
melting temperature. J or W packages
are recommended for >50 A rms
continuous current requirements.
65 A TO-218AC
(Isolated) *
55 A TO-218AC
(Non-isolated) *
55 A TO-220
(Non-isolated)
and TO-263 *
0
0.2
0.4
0.6
0.8
50
60
70
80
90
100
110
120
130
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
Average On-state Current [IT(AV)] – Amps
1 A Devices
80
1
0
2
34
5
678
90
100
110
120
130
Average On-state Current [IT(AV)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
CASE TEMPERATURE: Measure as
shown on dimensional drawings
6 A TO-220
6 A TO-202
6 A TO-251
6 A TO-252
8 A TO-220 (Isolated)
8 A TO-202
10 A TO-220 (Isolated)
and 10 A TO-202
8 A TO-220
(Non-isolated)
12 A TO-220 (Non-isolated)
and TO-251 and TO-252
10 A TO-251
10 A TO-252
10 A TO-220
(Non-isolated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com