Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC16FSM Datasheet(PDF) 84 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 84 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 80Page - Teccor Electronics AC16FSM Datasheet HTML 81Page - Teccor Electronics AC16FSM Datasheet HTML 82Page - Teccor Electronics AC16FSM Datasheet HTML 83Page - Teccor Electronics AC16FSM Datasheet HTML 84Page - Teccor Electronics AC16FSM Datasheet HTML 85Page - Teccor Electronics AC16FSM Datasheet HTML 86Page - Teccor Electronics AC16FSM Datasheet HTML 87Page - Teccor Electronics AC16FSM Datasheet HTML 88Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 223 page
background image
Diac
Data Sheets
http://www.teccor.com
E8 - 2
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
General Notes
•
Lead solder temperature is +230 °C for 10-second maximum;
≥1/16" (1.59 mm) from case.
•
See “Package Dimensions” section of this catalog.
Electrical Specification Notes
(1) Breakover voltage symmetry as close as 1 V is available from the
factory on these products.
(2) See Figure E8.4 and Figure E8.5 for test circuit and waveforms.
(3) Typical switching time is 900 nano-seconds measured at IPK
(Figure E8.4) across a 20
Ω resistor (Figure E8.5). Switching time
is defined as rise time of IPK between the 10% to 90% points.
(4) See V-I Characteristics.
Bilateral Trigger DIAC Specifications
•
Maximum Ratings, Absolute-Maximum Values
– Maximum Trigger Firing Capacitance: 0.1 µF
– Device dissipation (at TA = -40 °C to +40 °C):
250 mW for DO-35 and 300 mW for DO-214
– Derate above +40 °C:
3.6 mW/°C for DO-35 and 3 mW/°C for DO-214
•
Temperature Ranges
Storage: -40 °C to +125 °C
Operating (Junction): -40 °C to +125 °C
V-I Characteristics
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Electrical Characteristics TC = 25°C
Part No.
VBO
∆VBO
VBB
IBO
ITRM
DO-35
DO-214
Breakover Voltage
(Forward and
Reverse)
Volts
Breakover Voltage
Symmetry
∆VBO =
[ | +VBO | - | - VBO | ]
Volts
Dynamic
Breakback
Voltage
(3)
|
∆V± |
Volts
Peak Breakover
Current
at
Breakover
Voltage
µAmps
Peak Pulse
Current
for 10 µs
120 PPS
TA ≤40 °C
Amps
MIN
MAX
MAX
MIN
MAX
MAX
HT-32
ST-32
27
37
3 (1)
10 (2)
25
2
HT-32A / HT-5761
28
36
2 (1)
7 at 10 mA (4)
25
2
HT-32B / HT-5761A
ST-32B
30
34
2 (1)
7 at 10 mA (4)
25
2
HT-34B
ST-34B
32
36
2 (1)
10 (2)
25
2
HT-35
ST-35
30
40
3 (1)
10 (2)
25
2
HT-36A / HT-5762
ST-36A
32
40
2 (1)
7 at 10 mA (4)
25
2
HT-36B
ST-36B
34
38
2 (1)
10 (2)
25
2
HT-40
ST-40
35
45
3 (1)
10 (2)
25
2
HT and ST Series Thermal Resistance
Junction to Lead - RθJL: °C/W
Junction to Ambient [RθJA]: °C/W
(based on maximum lead temperature of
90 °C for DO-214 and 85 °C for DO-35 devices)
Y Package
DO-35
S Package
DO-214
100 [278] °C/W
65 °C/W *
10 mA
Breakover
Current
IBO
-VBO
Voltage
Current
Breakover
Voltage
VBO
+VBO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com