Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 10 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 10 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 10Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 11Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 12Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 13Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 14Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 10
INTRODUCTION
COMPARISON TO CFA533
If your project does not need the fan connections, the CFA533 family is an economical replacement for the CFA633
family. In November 2010, we issued a Technical Bulletin that describes the differences between the CFA533 family and
three versions of the CFA633 family. Please see Part Change Notice #10291.
MAIN FEATURES
16 characters x 2 lines LCD with keypad and high-level interface. Will fit nicely in a 1U rack mount case (35 mm
overall height).
Module has a 6 o’clock viewing direction. See Definition of 6 O'clock and 12:00 O'clock Viewing Angles (Pg. 20).
Bidirectional 19200 / 115200 baud ESD-protected RS-232 interface.
Edge-lit red LED backlight with negative FFSTN near-black transmissive mode LCD. Displays red characters on
dark red background. Integrated red LED backlit 6-button translucent silicone keypad. The display can be read in
normal office lighting and in dark areas. Not recommended for use in sunlight; may be washed out.
An optional 5.25-inch half-height drive bay kit with mounting bracket is available. See CFA633 Kit Configurator.
Fully decoded keypad: any key combination is valid and unique.
Robust packet based communications protocol with 16-bit CRC.
Nonvolatile memory capability (EEPROM):
Customize the “power-on” display settings.
16-byte “scratch” register for storing IP address, netmask, system serial number . . .
Firmware support for CFA633-RDI-KU allows:
ATX power supply control functionality allows the buttons on the CFA633-RDI-KU to replace the Power and
Reset switches on your system, simplifying front panel design.
Four fan connectors with RPM monitoring and variable PWM fan power control. Fail-safe fan power settings
allows safe host fan control based on temperature. See 25 (0x19): Set Fan Power Fail-Safe.
Add up to 32 Crystalfontz WR-DOW-Y17 cables with DOW (Dallas One-Wire) DS18B20 temperature sensors.
Monitor temperatures at up to 0.5°C absolute accuracy.
Hardware watchdog can reset host system on host software failure.
“Live Display” shows up to eight temperature or four fan readings without host intervention, allowing fans and
temperatures to be shown immediately at boot, even before the host operating system is loaded.
RoHS compliant.
Factories have ISO certification.
Product materials are in compliance with the regulations related to the EU Directive 2006/121/EC for Registration,
Evaluation, Authorization and Restriction of Chemicals (REACH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com