Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 58 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 58 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 60Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 61Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 62Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 58
data[1] = Pin output state (actual behavior depends on drive mode):
0 = Output set to low
1-99 = Output duty cycle percentage (100 Hz nominal)
100 = Output set to high
101-255 = invalid
data[2] = Pin function select and drive mode (optional, 0-15 valid)
---- FDDD
|||| ||||-- DDD = Drive Mode (based on output state of 1 or 0)
|||| |
=======================================================
|||| |
000: 1=Fast, Strong Drive Up, 0=Resistive Pull Down
|||| |
001: 1=Fast, Strong Drive Up, 0=Fast, Strong Drive Down
|||| |
010: Hi-Z, use for input
|||| |
011: 1=Resistive Pull Up,
0=Fast, Strong Drive Down
|||| |
100: 1=Slow, Strong Drive Up, 0=Hi-Z
|||| |
101: 1=Slow, Strong Drive Up, 0=Slow, Strong Drive Down
|||| |
110: reserved, do not use
|||| |
111: 1=Hi-Z,
0=Slow, Strong Drive Down
|||| |
|||| |----- F = Function
||||
=======================================================
||||
0: Port unused for GPIO. It will take on the default
||||
function such as ATX, DOW or unused. The user is
||||
responsible for setting the drive to the correct
||||
value in order for the default function to work
||||
correctly.
||||
1: Port used for GPIO under user control. The user is
||||
responsible for setting the drive to the correct
||||
value in order for the desired GPIO mode to work
||||
correctly.
||||------- reserved, must be 0
The return packet will be:
type = 0x40 | 0x22 = 0x62 = 9810
data_length = 0
35 (0x23): Read GPIO Pin Levels and Configuration State
Please see command 34 (0x22): Set or Set and Configure GPIO Pins (Pg. 56) for details on the GPIO architecture.
type: 0x23 = 3510
data_length: 1
data[0]: index of GPIO to query
0 = GPIO[0] = J8, Pin 7
1 = GPIO[1] = J8, Pin 6 (default is ATX Host Power Sense)
2 = GPIO[2] = J8, Pin 5 (default is ATX Host Power Control)
3 = GPIO[3] = J8, Pin 4 (default is ATX Host Reset Control)
4 = GPIO[4] = J9, Pin 2 (default is DOW I/O--always has 1K
Ω hardware pull-up on
SCAB.)
5-255 = reserved
Please note: Future versions of this command on future
hardware models may accept additional values for data[0],
which would return the status of future additional GPIO
pins
The return packet will be:
type = 0x40 | 0x23 = 0x63 = 9910
data_length = 4
(Continues on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com