Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 5 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 5 Page - Crystalfontz America, Inc.

  CFA633-RDI-KU Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 5
2010/09/28
In command 8 (0x08): Set LCD Contents, Line 2, corrected screen display
text from "data[] = TOP line's display content (must supply
16 bytes)
" to "data[] = BOTTOM line's display content (must
supply 16 bytes)
".
In command 11 (0x0B): Set LCD Cursor Position, corrected from
data[0] = column (0-19 valid)
data[1] = row (0-3 valid)
to
data[0] = column (0-15 valid)
data[1] = row (0-1 valid)
This command was described correctly in Data Sheet versions published
2005-05-19 and earlier. It was described incorrectly in Data Sheet versions
published 2005-09-06 and later.
In command 12 (0x0C): Set LCD Cursor Style, added note to “3 =
blinking block plus underscore
”. “Note: This behavior is not
the same as the CFA533 series which is: blinking
underscore.
”
In command 14 (0x0E): Set LCD & Keypad Backlight, corrected return
packet from "type: 0x40 | 0x0D = 0x4D = 77
10" to "type: 0x40 |
0x0E = 0x4E = 7810".
In command 22 (0x16): Send Command Directly to the LCD Controller,
corrected controller part number from “The LCD controller on the CFA633
is Samsung S6A0073 compatible” to “The controller on the CFA633 is
HD44780 compatible”. Controller has not changed.
In command 26 (0x1A): Set Fan Tachometer Glitch Filter, corrected return
packet "type" from "25" to "26".
In command 27 (0x1B): Query Fan Power & Fail-Safe Mask, corrected
return packet "type" from "25" to "27".
In command 33 (0x21): Set Baud Rate,
- Corrected "type" from "27” to "33".
- Corrected from "data_length = 1" to "data_length = 0".
In command 34 (0x22): Set or Set and Configure GPIO Pins, corrected
specification of GPIO pull-up/pull-down mode resistance values from
"approximately 5Ω" to "approximately 5kΩ".
In CHARACTER GENERATOR ROM (CGROM), corrected explanation of
how to find a code for a given character.
Added Module Longevity (EOL / Replacement Policy).
Revised CARE AND HANDLING PRECAUTIONS section.
Corrected label on Figure 1 Test Circuit Schematic in APPENDIX A:
CONNECTING A DS2450 1-WIRE QUAD A/D CONVERTER.
Data Sheet Revision History (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com