Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 11 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 11 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 10Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 11Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 12Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 13Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 14Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 15Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 11
MODULE CLASSIFICATION INFORMATION
ORDERING INFORMATION
CFA 633 -R D I -K U

 
Brand
Crystalfontz America, Inc.
Model Identifier
633
Backlight Type & Color
R – LED, red
Fluid Type, Image (positive or negative), & LCD Glass Color
D – FFSTN, negative near-black
Polarizer Film Type, Temperature Range, & View Angle
(O ‘Clock)
I – Transmissive, Wide Temperature Range1, 6:00
Special Code 1
K – Manufacturer’s code
Special Code 2
U – USB
1Wide Temperature Range is -20°C minimum to +70°C maximum.
PART NUMBER
FLUID
LCD GLASS
COLOR
IMAGE
POLARIZER
FILM
BACKLIGHT COLOR/TYPE
CFA633-RDI-KU
(USB)
FFSTN
near-black
negative
transmissive
LCD: red edge LEDs
Keypad: red LEDs
Additional variants (same form factor, different LCD mode or backlight):
CFA633-TFH-KU
(“full swing” RS-232)
FSTN
neutral
positive
transflective
LCD: white edge LEDs
Keypad: white LEDs
CFA633-TMI-KU
(USB)
STN
blue
negative
transmissive
LCD: white edge LEDs
Keypad: blue LEDs
CFA633-YYH-KU
(USB)
STN
yellow-green
positive
transflective
LCD: yellow-green edge LEDs
Keypad: yellow-green LEDs
CFA633-RDI-KS
(“full swing” RS-232)
FFSTN
near-black
negative
transmissive
LCD: red edge LEDs
Keypad: red LEDs
CFA633-TFH-KS
(“full swing” RS-232)
FSTN
neutral
positive
transflective
LCD: white edge LEDs
Keypad: white LEDs
CFA633-TMI-KS
(“full swing” RS-232)
STN
blue
negative
transmissive
LCD: white edge LEDs
Keypad: blue LEDs
CFA633-YYH-KS
(“full swing” RS-232)
STN
yellow-green
positive
transflective
LCD: yellow-green edge LEDs
Keypad: yellow-green LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com