Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 81 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 81 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 77Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 78Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 79Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 80Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 81Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 82Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 83Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 84Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 85Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 81
APPENDIX D: QUALITY ASSURANCE STANDARDS
INSPECTION CONDITIONS
Environment
Temperature: 25±5°C
Humidity: 30~85% RH noncondensing
For visual inspection of active display area
Source lighting: two 20 Watt or one 40 Watt fluorescent light
Display adjusted for best contrast
Viewing distance: 30±5 cm (about 12 inches)
Viewable angle: inspect at 45° angle of vertical line right and left, top and bottom0
COLOR DEFINITIONS
We try to describe the appearance of our modules as accurately as possible. For the photos, we adjust for optimal
appearance. Actual display appearance may vary due to (1) different operating conditions, (2) small variations of
component tolerances, (3) inaccuracies of our camera, (4) color interpretation of the photos on your monitor, and/or (5)
personal differences in the perception of color.
DEFINITION OF ACTIVE AREA AND VIEWING AREA
56.20 Active Area
61.00 Viewing Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com