Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 32 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 32 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 36Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 32
CONNECT OPTIONAL CRYSTALFONTZ WR-DOW-Y17 TEMPERATURE
SENSORS
The Crystalfontz WR-DOW-Y17 cable has a DS18B20 Dallas Programmable Resolution One-Wire (DOW) temperature
sensor attached to a “daisy chainable” cable. (“Daisy chain” means several devices connected in a linear series.)
Connect one WR-DOW-Y17 to the connector labeled J_DOW.
Figure 13. J_DOW Connection for WR-DOW-Y17 Temperature Sensor
If desired, connect the WR-DOW-Y17’s 3-pin male connector to an additional WR-DOW-Y17 temperature sensor. Up to
32 WR-DOW-Y17 temperature sensors can be connected. (“Daisy chained”.)
The DS18B20 on the WR-DOW-Y17 has 0.5°C absolute accuracy. Or you make a temperature sensor cable using a
DS1822 Dallas Econo One-Wire Digital Thermometer with +2°C accuracy.
Any temperature sensor can be configured to be automatically read and display to the CFA633-RDI-KU's LCD in °C or
°F (see command 21 (0x15): Set Up Live Fan or Temperature Display (Pg. 47)). Independently, any temperature sensor
can be configured to report to the host (see 19 (0x13): Set Up Temperature Reporting (Pg. 46)). Any sensors configured
to be reported are updated once each second.
HOST COMMUNICATIONS
CFA633 communicates with its host using an RS-232 interface. The port settings are 19200 baud, 8 data bits, no parity,
1 stop bit by factory default. The speed can be set to 115200 baud under software control (see command 33 (0x21): Set
Baud Rate (Pg. 56)).
c 2010
America, Inc.
Crystalfontz
//
J_DOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com