Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 48 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 48 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 47Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 48Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 49Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 52Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 48
type: 0x15 = 2110
valid data_length is 7 or 2 (for turning a slot off)
data[0]: display slot (0-7)
data[1]: type of item to display in this slot
0 = nothing (data_length then must be 2)
1 = fan tachometer RPM (data_length then must be 7)
2 = temperature (data_length then must be 7)
data[2]: index of the sensor to display in this slot:
0-3
are valid for fans
0-31 are valid for temperatures (and the temperature
device must be attached)
data[3]: number of digits
for a fan: 4 digits (0 to
9999) valid fan speed range
for a fan: 5 digits (0 to 50000) valid fan speed range
for a temperature: 3 digits (
-XX or
XXX)
for a temperature: 5 digits (-XX.X or XXX.X)
data[4]: display column
0-13 valid for a 3-digit temperature
0-12 valid for a 4-digit fan
0-11 valid for a 5-digit fan or temperature
data[5]: display row (0-1 valid)
data[6]: pulses_per_revolution or temperature units
for a fan: pulses per revolution for this fan (1 to 32)
for a temperature: units (0 = deg C, 1 = deg F)
If a One-Wire CRC error is detected, the temperature will be displayed as "ERR" or "ERROR".
If the frequency of the tachometer signal is below the detectable range, the speed will be displayed as "SLOW" or
"STOP".
Displaying a fan will override the fan power setting to 100% for up to 1/8 of a second every 1/2 second. Please see Fan
Connections (Pg. 29) for a detailed description.
The return packet will be:
type: 0x40 | 0x15 = 0x55 = 8510
data_length = 0
22 (0x16): Send Command Directly to the LCD Controller
The controller on the CFA633 is HD44780 compatible. Generally you won’t need low-level access to the LCD controller
but some arcane functions of the HD44780 are not exposed by the CFA633’s command set. This command allows you
to access the CFA633’s LCD controller directly. Note: It is possible to corrupt the CFA633 display using this command.
type: 0x16 = 2210
data_length: 2
data[0]: location code
0 = "Data" register
1 = "Control" register
data[1]: data to write to the selected register
The return packet will be:
type: 0x40 | 0x16 = 0x56 = 8610
data_length = 0
23 (0x17): Configure Key Reporting
By default, the CFA633 reports any key event to the host. This command allows the key events to be enabled or disabled
on an individual basis. The key events set to report are one of the items stored by the command 4 (0x04): Store Current
State As Boot State (Pg. 37).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com