Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 6 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 6 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 10Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 6
2010/09/28
In APPENDIX C: SAMPLE CODE (INCLUDES ALGORITHMS TO
CALCULATE THE CRC),
- Added section with hypertext links to our free downloadable code.
- In sample code for Algorithm 1: “C” Table Implementation and Algorithm
2: “C” Bit Shift Implementation, added typedefs for "ubyte" and "word".
- Added Algorithm 2B: “C” Improved Bit Shift Implementation. This is a
simplified algorithm that implements the CRC.
- In Algorithm 6: “Perl” Table Implementation, corrected code from "my
$packet = $type . $length . $data ;
" to "my $packet =
chr(hex $type) .chr(hex $length) .chr(hex $data);
".
- Added Algorithm 7: For PIC18F8722 or PIC18F2685).
In APPENDIX D: QUALITY ASSURANCE STANDARDS, added
information on Color Definitions.
Improved drawing for Definition of Active Area And Viewing Area.
Added APPENDIX E: VISUAL INSPECTION OF SOLDER BRIDGES.
In addition to list above, wherever needed, made minor modifications in
text and illustrations to improve clarity.
2005/08/01
Start Public Version Tracking.
Data Sheet version: vk1.9b
Changes since last released version (vk1.9a):
Added note on length of command 30 reply (see 30: Read Reporting &
Status.
The Fine Print
Certain applications using Crystalfontz America, Inc. products may involve potential risks of death, personal injury, or severe
property or environmental damage (“Critical Applications”). CRYSTALFONTZ AMERICA, INC. PRODUCTS ARE NOT
DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT
APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. Inclusion of Crystalfontz America, Inc.
products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with
customer applications, adequate design and operating safeguards should be provided by the customer to minimize inherent
or procedural hazard. Please contact us if you have any questions concerning potential risk applications.
Crystalfontz America, Inc. assumes no liability for applications assistance, customer product design, software performance,
or infringements of patents or services described herein. Nor does Crystalfontz America, Inc. warrant or represent that any
license, either express or implied, is granted under any patent right, copyright, or other intellectual property right of
Crystalfontz America, Inc. covering or relating to any combination, machine, or process in which our products or services
might be or are used.
The information in this publication is deemed accurate but is not guaranteed.
Company and product names mentioned in this publication are trademarks or registered trademarks of their respective
owners.
Copyright © 2012 by Crystalfontz America, Inc., 12412 East Saltese Avenue, Spokane Valley, WA 99216-0357 U.S.A.
Data Sheet Revision History (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com