Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 37 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 37 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 41Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 37
The return packet will be:
type: 0x40 | 0x01 = 0x41 = 6510
data_length = 16
data[] = "CFA633:h#.#,y#v#"
X.X is the hardware revision, "h2.0" for example
Y.Y is the firmware version, "u2v1" for example
2 (0x02): Write User Flash Area
The CFA633 reserves 16 bytes of nonvolatile memory for arbitrary use by the host. This memory can be used to store
a serial number, IP address, gateway address, netmask, or any other data required. All 16 bytes must be supplied.
type: 0x02 = 210
valid data_length is 16
data[] = 16 bytes of arbitrary user data to be stored in
the CFA633's non-volatile memory
The return packet will be:
type: 0x40 | 0x02 = 0x42 = 6610
data_length = 0
3 (0x03): Read User Flash Area
This command will read the User Flash Area and return the data to the host.
type: 0x03 = 310
valid data_length is 0
The return packet will be:
type: 0x40 | 0x03 = 0x43 = 6710
data_length = 16
data[] = 16 bytes user data recalled from the CFA633's
non-volatile memory
4 (0x04): Store Current State As Boot State
The CFA633 loads its power-up configuration from nonvolatile memory when power is applied. The CFA633 is
configured at the factory to display a “welcome” screen when power is applied. This command can be used to customize
the “welcome” screen, as well as the following items:
Characters shown on LCD, which are affected by:
command 6 (0x06): Clear LCD Screen (Pg. 40).
command 7 (0x07): Set LCD Contents, Line 1 (Pg. 40).
command 8 (0x08): Set LCD Contents, Line 2 (Pg. 41).
command 31 (0x1F): Send Data to LCD (Pg. 56).
Special character font definitions (command 9 (0x09): Set LCD Special Character Data (Pg. 41)).
Cursor position (command 11 (0x0B): Set LCD Cursor Position (Pg. 42)).
Cursor style (command 12 (0x0C): Set LCD Cursor Style (Pg. 42)).
Contrast setting (command 13 (0x0D): Set LCD Contrast (Pg. 42)).
Backlight setting (command 14 (0x0E): Set LCD & Keypad Backlight (Pg. 43)).
Fan power settings (command 17 (0x11): Set Fan Power (Pg. 43)).
Settings of any “live” displays (command 21 (0x15): Set Up Live Fan or Temperature Display (Pg. 47)).
Key press and release masks (command 23 (0x17): Configure Key Reporting (Pg. 48)).
Fan glitch delay settings (command 26 (0x1A): Set Fan Tachometer Glitch Filter (Pg. 50)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com