Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 18 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 18 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 14Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 15Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 16Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 17Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 18Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 19Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 20Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 22Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
17.5±0.2
12.343
12.343
11.814
17.5±0.2
10.0
10.0
10.0
3-1.5
3-2.5
12.0
2.8
5.0
2.8
5.0
2.0
5.0
1.0
1.65
2.35
2.55
5.35
6.5
Color: Red
Color: Black
Color: Green
0.7
Pantone 032U
Pantone Black
Pantone 361U
20.0±0.2
7.5
11.0
U
D
R
L
E
S
1.5
2.0
14.0±0.2
3.0
2.0
2.00.0
Notes:
1. Material: silicone rubber,
hardness durometer 50 Shore A
2. Carbon coated
3. Lifetime: 1 million keystrokes
4. Resistance: Less than 100 Ÿ
5. Actuation Force: 80~120 grams
6. Silicone rubber color: translucence white
7. All comers have a fillet radius of 0.75mm
LED dice dimension:
1.6mm(L)x0.8mm(W)x0.8mm(H)
www.crystalfontz.com/products/
Crystalfontz America, Inc.
Scale:
Units:
copyright © 2012 by
Drawing Number:
Date:
Sheet:
Part No.(s):
of
CFA633 Family
Keypad Detail
2012/02/13
Not to scale
Millimeters
CFA633_master
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com