Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 82 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 82 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 78Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 79Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 80Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 81Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 82Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 83Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 84Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 85Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 86Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 82
ACCEPTANCE SAMPLING
DEFECTS CLASSIFICATION
Defects are defined as:
Major Defect: results in failure or substantially reduces usability of unit for its intended purpose
Minor Defect: deviates from standards but is not likely to reduce usability for its intended purpose
ACCEPTANCE STANDARDS
DEFECT TYPE
AQL*
Major
<0.65%
Minor
<1.00%
*Acceptable Quality Level: maximum allowable error rate or variation from standard
#
DEFECT TYPE
CRITERIA
1
Electrical defects
1. No display, display malfunctions, or shorted segments.
2. Current consumption exceeds specifications.
Major
2
Viewing area defect
Viewing area does not meet specifications. (See Inspection
Conditions (Pg. 81).
Major
3
Contrast adjustment
defect
Contrast adjustment fails or malfunctions.
Major
4
Blemishes or foreign
matter on display seg-
ments
Defect Size (mm)
Acceptable Qty
Minor
<0.3
3
<2 defects within 10 mm of each other
5
Other blemishes or for-
eign matter outside of
display segments
Defect Size (mm)
Acceptable Qty
Minor
<0.15
Ignore
0.15 to 0.20
3
0.20 to 0.25
2
0.25 to 0.30
1
Blemish
Width
Length
Defect size = (A + B)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com