Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 31 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 31 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 31
Typically if the fan speed is not at 100% then it is being controlled by the host software to drive a temperature sensor to
a given reading in a closed-loop arrangement. In this case, the temperature, rather than the fan speed would be
monitored for out-of-range conditions. If the temperature is within specification, you really do not care how fast the fan
is turning. In an unattended system, it may be a good idea to set each fan to 100% for a few seconds during a test cycle
— perhaps once a day or once a week — and log the steady-state RPM attained by the fan. If that steady state RPM
were higher (this can be caused by a blocked airflow) or lower than expected (perhaps the fan's bearings are failing), a
maintenance warning could be generated by the host software.
We tested the CFA633-RDI-KU with a large range of fans and had good results. However, you are responsible for
determining if the control and monitoring methods employed by the LCD module are acceptable for your application. In
particular, if a fan's power is set too low, it may stall or fail to start, providing no cooling. Using a PWM to control fan speed
is generally accepted; however we make no claims that it is compatible with any particular fan or that it does not affect
the lifetime of the fans. Some higher torque fans (especially the ball-bearing models) may click, buzz, or growl at low
power settings due to the torque in the fan going from positive to negative in each PWM cycle. If you limit the power
setting to 0% or 100% there should be no compatibility issues. We do not recommend operating a fan below 20% PWM
duty cycle for an extended period of time. Limiting the minimum PWM duty cycle to 30% or 40% should reduce the
mechanical and electrical stresses in the fan, avoiding premature failure.
When power is applied to the CFA633-RDI-KU, it will set each fan's power to the default value of 100% or to the value
that is stored in the boot state. To minimize peak current loading on the +12v supply during start-up, the fans are started
in sequence with a 0.5 second delay between any fans that are on.
NOTE
For safety, enable the fan power fail-safe (see command 25 (0x19): Set Fan Power Fail-
Safe (Pg. 49)) on any fans involved in host-based speed control. By enabling the fail-safe on a fan
that is being used in closed-loop control through host software, the CFA633-RDI-KU will turn that
fan to 100% if the host fails to update the power of the fans within a given time interval. For
instance, if the communications cable is dislodged, the host operating system hangs, or cooling
control process is terminated, the CFA633-RDI-KU will automatically force those fans to 100%, pre-
venting potential equipment damage due to lack of cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com