Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 63 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 63 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 60Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 61Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 62Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 63Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 64Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 65Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 66Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 67Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 63
CFA633-RDI-KU without Crystalfontz overlay: The exposed surface of the LCD “glass” is actually the front
polarizer laminated to the glass. The polarizer is made out of a fairly soft plastic and is easily scratched or
damaged. The polarizer will eventually become hazy if you do not take great care when cleaning it. Long contact
with moisture (from condensation or cleaning) may permanently spot or stain the polarizer.
OPERATION
Your circuit should be designed to protect the CFA633-RDI-KU from ESD and power supply transients.
Observe the operating temperature limitations: a minimum of -20°C to a maximum of +70°C with minimal
fluctuation. Operation outside of these limits may shorten life and/or harm display.
At lower temperatures of this range, response time is delayed.
At higher temperatures of this range, display becomes dark. (You may need to adjust the contrast.)
Operate away from dust, moisture, and direct sunlight.
STORAGE AND RECYCLING
Store in an ESD-approved container away from dust, moisture, and direct sunlight.
Observe the storage temperature limitations: -30°C minimum, +80°C maximum with minimal fluctuation. Rapid
temperature changes can cause moisture to form, resulting in permanent damage.
Do not allow weight to be placed on the CFA633-RDI-KU while they are in storage.
Please recycle your outdated Crystalfontz modules at an approved facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com