Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 43 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 43 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 47Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 43
The return packet will be:
type = 0x40 | 0x0D = 0x4D = 7710
data_length = 0
Set LCD Contrast is one of the items stored by the command 4 (0x04): Store Current State As Boot State (Pg. 37).
14 (0x0E): Set LCD & Keypad Backlight
This command sets the brightness of the LCD and keypad backlights.
type: 0x0E = 1410
valid data_length is 1
data[0] = backlight power setting (0-100 valid)
0 = off
1-99 = variable brightness
100 = on
The return packet will be:
type: 0x40 | 0x0E = 0x4E = 7810
data_length = 0
Set LCD & Keypad Backlight is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 37).
15 (0x0F): (Deprecated)
16 (0x10): Set Up Fan Reporting
This command will configure the CFA633 to report the fan speed information to the host every 500 mS.
type = 0x10 = 1610
valid data_length is 1
data[0] = bitmask indicating which fans are enabled to
report (0-15 valid)
---- 8421 Enable Reporting of this Fan’s Tach Input
|||| ||||-- Fan 1: 1 = enable, 0 = disable
|||| |||--- Fan 2: 1 = enable, 0 = disable
|||| ||---- Fan 3: 1 = enable, 0 = disable
|||| |----- Fan 4: 1 = enable, 0 = disable
The return packet will be:
type = 0x40 | 0x10 = 0x50 = 8010
data_length = 0
If data[0] is not 0, then the CFA633 will start sending 0x81: Fan Speed Report packets for each enabled fan every
500 mS. (See 0x81: Fan Speed Report (Pg. 35).) Each of the report packets is staggered by 1/8 of a second.
Reporting a fan will override the fan power setting to 100% for up to 1/8 of a second every 1/2 second. Please see Fan
Connections in Fan Connections (Pg. 29) for a detailed description.
17 (0x11): Set Fan Power
This command will configure the power for the fan connectors. The fan power setting is one of the items stored by the
command 4 (0x04): Store Current State As Boot State (Pg. 37).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com