Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 66 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 66 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 62Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 63Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 64Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 65Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 66Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 67Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 68Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 69Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 70Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 66
APPENDIX B: CONNECTING A DS1963S SHA IBUTTON
This appendix describes connecting a Dallas Semiconductor DS1963S Monetary iButton with SHA-1 Challenge
Response Algorithm and 4KB of nonvolatile RAM to the CFA633’s DOW (Dallas One Wire) connector. It also gives a
sample command sequence to read and write the DS1963S’s scratch memory.
The DS1963S can be used as a secure dongle to protect your system’s application software from being copied. Even if
the communication channel is compromised or the host is not authentic, the SHA algorithm ensures that the data is still
secure. Please see the following Maxim/Dallas white papers and application notes for more information:
White Paper 1: SHA Devices Used in Small Cash Systems
White Paper 2: Using the 1-Wire Public-Domain Kit
White Paper 3: Why are 1-Wire SHA-1 Devices Secure?
White Paper 4: Glossary of 1-Wire SHA-1 Terms
App Note 1201: White Paper 8: 1-Wire SHA-1 Overview
App Note 150: Small Message Encryption using SHA Devices
App Note 152: SHA iButton Secrets and Challenges
App Note 154: Passwords in SHA Authentication
App Note 156: DS1963S SHA 1-Wire API Users Guide
App Note 157: SHA iButton API Overview
App Note 190: Challenge and Response with 1-Wire SHA devices
Up to 32 DOW devices can be connected to the CFA633. In this example the DS1963S appears at device index 0. Your
software should query the connected devices using command 19 (0x13): Set Up Temperature Reporting (Pg. 46) to
verify the locations and types of DOW devices connected in your application.
Please refer to the DS1963S Data Sheet and the description for command 20 (0x14): Arbitrary DOW
Transaction (Pg. 47) for more information.
To connect the DS1963S to the CFA633, simply make one connection between the DS1963S’s "GND" terminal and the
CFA633 DOW connector’s GND pin, and a second connection between the DS1963S’s "IO" pin and the CFA633 DOW
connector’s I/O pin. By using a DS9094 iButton Clip, the connection is easy.
Appendix B, Figure 1. Connecting DS1963S SHA iButton using DS9094 iButton Clip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com