Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 49 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 49 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 47Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 48Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 49Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 53Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 49
#define KP_UP
0x01
#define KP_ENTER
0x02
#define KP_CANCEL 0x04
#define KP_LEFT
0x08
#define KP_RIGHT
0x10
#define KP_DOWN
0x20
type: 0x17 = 2310
data_length = 2
data[0]: press mask
data[1]: release mask
The return packet will be:
type: 0x40 | 0x17 = 0x57 = 8710
data_length = 0
Configure Key Reporting is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 37).
24 (0x18): Read Keypad, Polled Mode
In some situations, it may be convenient for the host to poll the CFA633 for key activity. This command allows the host
to detect which keys are currently pressed, which keys have been pressed since the last poll, and which keys have been
released since the last poll.
This command is independent of the key reporting masks set by command 23 (0x17): Configure Key Reporting (Pg. 48).
All keys are always visible to this command. Typically both masks of command 23 would be set to "0" if the host is reading
the keypad in polled mode.
#define KP_UP
0x01
#define KP_ENTER
0x02
#define KP_CANCEL 0x04
#define KP_LEFT
0x08
#define KP_RIGHT
0x10
#define KP_DOWN
0x20
type: 0x18 = 2410
data_length = 0
The return packet will be:
type: 0x40 | 0x18 = 0x58 = 8810
data_length = 3
data[0] = bit mask showing the keys currently pressed
data[1] = bit mask showing the keys that have been pressed since
the last poll
data[2] = bit mask showing the keys that have been released since
the last poll
25 (0x19): Set Fan Power Fail-Safe
The CFA633 can be used as part of an active cooling system. For instance, the fans in a system can be slowed down to
reduce noise when a system is idle or when the ambient temperature is low, and sped up when the system is under
heavy load or the ambient temperature is high.
Since there are a very large number of ways to control the speed of the fans (thresholds, thermostat, proportional, PID,
multiple temperature sensors contributing to the speed of several fans . . .) there was no way to foresee the particular
requirements of your system and include an algorithm in the CFA633’s firmware that would be an optimal fit for your
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com