Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 34 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 34 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 34Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 38Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 34
automatically re-synchronize to the next valid packet in the event of any communications errors. Please follow the
algorithm in the sample code closely in order to realize the benefits of using the packet communications.
ABOUT HANDSHAKING
The nature of CFA633’s packets makes it unnecessary to implement traditional hardware or software handshaking.
The host should wait for a corresponding acknowledge packet from the CFA633 before sending the next command
packet. The CFA633 will respond to all packets within 250 mS. The host software should stop waiting and retry the packet
if the CFA633 fails to respond within 250 mS. The host software should report an error if a packet is not acknowledged
after several retries. This situation indicates a hardware problem — for example, a disconnected cable.
Please note that some operating systems may introduce delays between when the data arrives at the physical port from
the CFA633 until it is available to the user program. In this case, the host program may have to increase its timeout
window to account for the additional overhead of the operating system.
The CFA633 can be configured to send several types of report packets along with regular acknowledge packets. The
host should be able to buffer several incoming packets and must guarantee that it can process and remove packets from
its input buffer faster than the packets can arrive given the baud rate and the reporting configuration of the CFA633. For
any modern PC using reasonably efficient software, this requirement will not pose a challenge.
The report packets are sent asynchronously with respect to the command packets received from the host. The host
should not assume that the first packet received after it sends a command is the acknowledge packet for that command.
The host should inspect the type field of incoming packets and process them accordingly.
REPORT CODES
The CFA633 can be configured to report three items. The CFA633 sends reports automatically when the data becomes
available. Reports are not sent in response to a particular packet received from the host. The three report types are (1)
0x80: Key Activity, (2) 0x81: Fan Speed Report, and (3) 0x82: Temperature Sensor Report. Details are below.
0x80: Key Activity
If a key is pressed or released, the CFA633 sends a Key Activity report packet to the host. Key event reporting may be
individually enabled or disabled by command 23 (0x17): Configure Key Reporting (Pg. 48).
type = 0x80
data_length = 1
data[0] is the type of keyboard activity:
KEY_UP_PRESS
1
KEY_DOWN_PRESS
2
KEY_LEFT_PRESS
3
KEY_RIGHT_PRESS
4
KEY_ENTER_PRESS
5
KEY_EXIT_PRESS
6
KEY_UP_RELEASE
7
KEY_DOWN_RELEASE
8
KEY_LEFT_RELEASE
9
KEY_RIGHT_RELEASE
10
KEY_ENTER_RELEASE
11
KEY_EXIT_RELEASE
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com