Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 42 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 42 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 46Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 42
The return packet will be:
type: 0x40 | 0x0A = 0x4A = 7410
data_length = 9
data[0
] of the return packet will be the address code.
data[1-8]
of the return packet will be the data read from the LCD controller's memory.
11 (0x0B): Set LCD Cursor Position
This command allows the cursor to be placed at the desired location on the CFA633’s LCD screen. If you want the cursor
to be visible, you may also need to send a command 12 (0x0C): Set LCD Cursor Style (Pg. 42).
type: 0x0B = 1110
valid data_length is 2
data[0] = column (0-15 valid)
data[1] = row (0-1 valid)
The return packet will be:
type: 0x40 | 0x0B = 0x4B = 7510
data_length = 0
Set LCD Cursor Position is one of the items stored by the command 4 (0x04): Store Current State As Boot State (Pg. 37).
12 (0x0C): Set LCD Cursor Style
This command allows you to select among four hardware generated cursor options.
type: 0x0C = 1210
valid data_length is 1
data[0] = cursor style (0-3 valid)
0 = no cursor.
1 = blinking block cursor.
2 = static underscore cursor.
3 = blinking underscore cursor.
(Note for 3: This behavior is different from the previous CFA633 HW v1.x family
which had a blinking block with a static underscore cursor.)
The return packet will be:
type: 0x40 | 0x0C = 0x4C = 7610
data_length = 0
Set LCD Cursor Style is one of the items stored by the command 4 (0x04): Store Current State As Boot
State (Pg. 37).
13 (0x0D): Set LCD Contrast
This command sets the contrast or vertical viewing angle of the display. Initiated by the host, responded to by the
CFA633.
type: 0x0D = 1310
valid data_length is 1
data[0] = contrast setting (0-50 valid)
0 = light
(Vlcd=4v)
16 = about right
(Vlcd=5v)
29 = dark
(Vlcd=6v)
30-50 = very dark (Vlcd=6.0 to 6.7v)
(may be useful at cold temperatures)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com