Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 23 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 23 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 19Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 20Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 27Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 23
ABSOLUTE MAXIMUM RATINGS
BACKLIGHT AND FAN1 CRITERIA
SPECIFICATION
Backlight PWM2 Frequency
320 Hz nominal
Fan Tachometer Speed Range (assuming
two PPR3)
600 RPM to 3,000,000 RPM
Fan Power Control PWM2 Frequency
18 Hz nominal
1Fans are an optional accessory.
2PWM is Pulse Width Modulation. PWM is a way to simulate intermediate levels by switch-
ing a level between full on and full off. PWM can be used to control the brightness of LED
backlights, relying on the natural averaging done by the human eye, as well as for control-
ling fan power.
3PPR is Pulses Per Revolution, also written as p/r.
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
TOP
-20°C
+70°C
Storage Temperature
TST
-30°C
+80°C
Humidity Range (Noncondensing)
RH
10%
90%
Supply Voltage for Logic
VDD
0v
+5.5v
Notes:
These are stress ratings only. Extended exposure to the absolute maxi-
mum ratings listed above may affect device reliability or cause permanent
damage. Functional operation of the module at these conditions beyond
those listed under DC Characteristics is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com