Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 85 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 85 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 78Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 79Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 80Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 81Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 82Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 83Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 84Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 85Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 86Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 85 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 85
13
Chip on “contact” edge of
LCD, on the inactive side
Minor
14
Chip in seal area
15
Backlight defects
1. Light fails or flickers.*
2. Color and luminance do not correspond to specifications.*
3. Exceeds standards for display’s blemishes or foreign matter (see test
5, Pg. 82), and dark lines or scratches (see test 6, Pg. 83).
*Minor if display functions correctly. Major if the display fails.
Minor
16
COB defects
1. Pinholes >0.2 mm.
2. Seal surface has pinholes through to the IC.
3. More than 3 locations of sealant beyond 2 mm of the sealed areas.
Minor
17
PCB defects
1. Oxidation or contamination on connectors.*
2. Wrong parts, missing parts, or parts not in specification.*
3. Jumpers set incorrectly.
4. Solder (if any) on bezel, LED pad, zebra pad, or screw hole pad is
not smooth.
*Minor if display functions correctly. Major if the display fails.
Minor
#
DEFECT TYPE
CRITERIA
a
b
c
Acceptable Qty
<3 mm
<1 mm
<T
Ignore
<4 mm
<1.5 mm
<T3
a
b
c
Acceptable Qty
<3 mm
<1.5 mm
<1/2 T
3
Unacceptable if c>50% of glass thickness or if the seal area is damaged.
Minor
Major



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com