Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 57 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 57 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 60Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 61Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 57
to the resolution of the 32 Hz sampling). This means that the host is not forced to poll quickly in order to detect short
events. The algorithm used by the CFA633 to read the inputs is inherently “bounce-free”.
The GPIOs also have “pull-up” and “pull-down” modes. These modes can be useful when using the GPIO as an input
connected to a switch since no external pull-up or pull-down resistor is needed. For instance, the GPIO can be set to pull
up. Then when a switch connected between the GPIO and ground is open, reading the GPIO will return a "1". When the
switch is closed, the input will return a "0".
Pull-up/pull-down resistance values are approximately 5k
Ω. Do not exceed current of 25 mA per GPIO.
The GPIO configuration is one of the items stored by the command 4 (0x04): Store Current State As Boot State (Pg. 37).
type: 0x22 = 3410
data_length:
2 bytes to change value only
3 bytes to change value and configure function and drive mode
data[0]: index of GPIO to modify
0 = GPIO[0] = J8, Pin 7
1 = GPIO[1] = J8, Pin 6 (default is ATX Host Power Sense)
2 = GPIO[2] = J8, Pin 5 (default is ATX Host Power Control)
3 = GPIO[3] = J8, Pin 4 (default is ATX Host Reset Control)
4 = GPIO[4] = J9, Pin 2 (default is DOW I/O--always has 1k
Ω hardware pull-up)
5-255 = reserved
Please note: Future versions of this command on future
hardware models may accept additional values for data[0],
which would control the state of future additional GPIO
pins
(Continues on the next page.)
NOTE ON SETTING AND CONFIGURING GPIO PINS
The GPIO pins may also be used for ATX control through header J8 and temperature sensing through
the CFA633’s DOW header. By factory default, the GPIO output setting, function, and drive mode are
set correctly to enable operation of the ATX and DOW functions. The GPIO output setting, function,
and drive mode must be set to the correct values in order for the ATX and DOW functions to
work. Improper use of this command can disable the ATX and DOW functions.The 633_WinTest
may be used to easily check and reset the GPIO configuration to the default state so the ATX and DOW
functions will work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com