Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 47 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 47 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 45Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 46Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 47Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 48Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 49Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 51Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 47
20 (0x14): Arbitrary DOW Transaction
The CFA633 can function as an RS-232 to Dallas One-Wire bridge. This command allows you to specify arbitrary
transactions on the One-Wire bus. One-Wire commands follow this basic layout:
<bus reset
//Required
<address_phase> //Must be "Match ROM" or "Skip ROM"
<write_phase>
//optional, but at least one of write_phase or read_phase must be sent
<read_phase>
//optional, but at least one of write_phase or read_phase must be sent
Please see APPENDIX A: CONNECTING A DS2450 1-WIRE QUAD A/D CONVERTER (Pg. 64) for an example of
using this command.
type: 0x14 = 2010
valid data_length is 2 to 16
data[0] = device_index (0-32 valid)
data[1] = number_of_bytes_to_read (0-14 valid)
data[2-15] = data_to_be_written[data_length-2]
If device_index is 32, then no address phase will be executed. If device_index is in the range of 0 to 31, and a
One-Wire device was detected for that device_index at power on, then the write cycle will be prefixed with a
"Match ROM” command and the address information for that device.
If data_length is two, then no specific write phase will be executed (although address information may be written
independently of data_length depending on the value of device_index).
If data_length is greater than two, then data_length-2 bytes of data_to_be_written will be written to the
One-Wire bus immediately after the address phase.
If number_of_bytes_to_read is zero, then no read phase will be executed. If number_of_bytes_to_read is
not zero then number_of_bytes_to_read will be read from the bus and loaded into the response packet.
The return packet will be:
type: 0x40 | 0x14 = 0x54 = 8410
data_length = 2 to 16
data[0] = device index (0-31 valid)
data[data_length-2] = Data read from the One-Wire bus. This is the same
as number_of_bytes_to_read from the command.
data[data_length-1] = One-Wire CRC
21 (0x15): Set Up Live Fan or Temperature Display
You can configure the CFA633 to automatically update a portion of the LCD with a “live” RPM or temperature reading.
Once the display is configured using this command, the CFA633 will continue to display the live reading on the LCD
without host intervention. The Set Up Live Fan or Temperature Display is one of the items stored by command 4 (0x04):
Store Current State As Boot State (Pg. 37), so you can configure the CFA633 to immediately display fan speeds or
system temperatures as soon as power is applied.
The live display is based on a concept of display slots. There are 8 slots, and each of the 8 slots may be enabled or
disabled independently.
Any slot may be requested to display any data that is available. For instance, slot 0 could display temperature sensor 3
in °C, while slot 1 could simultaneously display temperature sensor 3 in °F.
Any slot may be positioned at any location on the LCD, as long as all the digits of that slot fall fully within the display area.
It is legal to have the display area of one slot overlap the display area of another slot, but senseless. This situation should
be avoided in order to have meaningful information displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com