Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 19 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 19 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 15Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 16Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 17Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 18Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 19Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 20Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 23Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
D
D
D
D
D
D
D
15.00
1.39
12.01
21.77
24.01
33.41
90°
45°
5.
29
90°
135
°
Cutout Detail
See Keypad Cutout Detail
Keypad Cutout Detail
Detail A
Detail C
Detail B
Detail A
Detail B
Detail C
D
Typical mounting hardware at locations "D" (5 places):
x PEM FH-256-8
x Bivar Inc. 9913-5 mm Spacer
x 2-56 "Small Profile" Hex Nut
x Use appropriate screen printed overlay to cover display bezel
and mounting hardware, and to protect LCD from scratching.
Sample fabrication drawings are available on request.
69.21
2.90
5-Ø2.16 PTH
5-Ø3.66 Pad
75.00
15.00
15.50
www.crystalfontz.com/products/
Crystalfontz America, Inc.
Scale:
Units:
copyright © 2012 by
Drawing Number:
Date:
Sheet:
Part No.(s):
of
CFA633 Family
Panel Mounting
Application Detail
2012/02/13
Not to scale
Millimeters
CFA633_master
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com