Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 4 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 4 Page - Crystalfontz America, Inc.

  CFA633-RDI-KU Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 4
2010/09/28
Data Sheet version: v2.0
Changes since last revision (k1.9b):
The previous version had all three USB variants (CFA633-RDI-KU,
CFA633-TMI-KU, and CFA633-YYB-KU) in one datasheet. For this
version, a separate datasheet was made for each variant.
Wherever listed, deleted dash (“-”) from module part numbers to match
how they now appear on our website without the dash (“-”).
Wherever listed, added dash (“-”) to cable part numbers to match how they
now appear on our website.
Added boxed note “Fine Print” at the bottom of this Revision History.
Please read these disclaimers.
Wherever listed or shown, changed keypad dimensions from “10.5 mm” to
“12 mm” height and module overall depth with keypad from “24.10 mm” to
nominal “25.6 mm” nominal and “25.9 mm” maximum. We started this
gradual transition June 2010. See PCN 10282.
In Main Features,
- Deleted “Built-in reprogrammable microcontroller (factory operation)”
and “Expandable firmware and configurable hardware can be
customized to add specific features for your system needs (tooling fee
and minimum order may apply)”.
- Added “RoHS compliant”. All modules shipped since July 2006 are
RoHS compliant.
- Added “Factories have ISO certification”. Factories have had certification
for several years.
In ORDERING INFORMATION, added a list of all variants in the CFA633
series.
In Physical Characteristics table,
- Corrected Active Area height from “11.2” to “11.5”. Also corrected this
dimension on website page under Tech Specs tab. Dimension was
correct in all drawings, including Module Outline Drawings. Dimension
has not changed.
- Added Character Pitch dimension.
- Changed weight from “45 grams” to “48 grams”. This weight includes the
USB interface board (PCB).
In Jumper Locations and Functions, updated information on closing and
opening jumpers.
Reworded “Temperature Range” section to Temperature and Humidity
Range and added humidity specification “RH from 10% to 90%
noncondensing”.
Expanded and improved information on power and control connections.
See CONNECTION INFORMATION, including:
- Added source for connector loaded at “PWR” in Standard (Non-ATX)
Power Connection.
- Revised ATX Power Supply Power and Control Connections.
- Added USB Host and Power Connections with URLs for driver download
and installation instructions.
Connections have not changed.
In command 4 (0x04): Store Current State As Boot State, deleted
reference to Command 32 which is reserved for CFA631 key legends.
In command 5 (0x05): Reboot CFA633, Reset Host, or Power Off Host,
added important notes about timing of command packets.
Data Sheet Revision History (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com