Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 73 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 73 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 69Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 70Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 71Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 72Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 73Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 74Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 75Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 76Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 77Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 73
index
equ
45h
; BYTE - index for string memory read
savchr
equ
46h
; BYTE - temp storage for CRC routine
;
seedlo
equ
021h
; initial seed for CRC reg lo byte
seedhi
equ
0F3h
; initial seed for CRC reg hi byte
;
polyL
equ
008h
; polynomial low byte
polyH
equ
084h
; polynomial high byte
;====================================================================
;
CRC Test Program
;--------------------------------------------------------------------
org
0
; reset vector = 0000H
;
clrf
PCLATH
; ensure upper bits of PC are cleared
clrf
STATUS
; ensure page bits are cleared
goto
main
; jump to start of program
;
; ISR Vector
;
org
4
; start of ISR
goto
$
; jump to ISR when coded
;
org
20
; start of main program
main
movlw
seedhi
; setup intial CRC seed value.
movwf
accumh
; This must be done prior to
movlw
seedlo
; sending string to CRC routine.
movwf
accuml
;
clrf
index
; clear string read variables
;
main1
movlw
HIGH InputStr
; point to LCD test string
movwf
PCLATH
; latch into PCL
movfw
index
; get index
call
InputStr
; get character
movwf
Zero
; setup for terminator test
movf
Zero,f
; see if terminator
btfsc
STATUS,Z
; skip if not terminator
goto
main2
; else terminator reached, jump out of loop
call
CRC16
; calculate new crc
call
SENDUART
; send data to LCD
incf
index,f
; bump index
goto
main1
; loop
;
main2
movlw
00h
; shift accumulator 16 more bits.
call
CRC16
; This must be done after sending
movlw
00h
; string to CRC routine.
call
CRC16
;
;
comf
accumh,f
; invert result
comf
accuml,f
;
;
movfw
accuml
; get CRC low byte
call
SENDUART
; send to LCD
movfw
accumh
; get CRC hi byte
call
SENDUART
; send to LCD
;
stop
goto
stop
; word result of 0x93FA is in accumh/accuml
;====================================================================
; calculate CRC of input byte
;--------------------------------------------------------------------
CRC16
movwf
savchr
; save the input character
movwf
datareg
; load data register
movlw
.8
; setup number of bits to test
movwf
j
; save to incrementor
_loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com