Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 84 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 84 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 78Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 79Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 80Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 81Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 82Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 83Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 84Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 85Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 86Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 84
10
Chip in corner
Minor
11
Chip on “non-contact”
edge of LCD
Minor
12
Chip on “contact” edge of
LCD, on the active side
Minor
#
DEFECT TYPE
CRITERIA
a
b
c
Acceptable Qty
<4 mm
<Wc<T3
ab
c
<3 mm
<1 mm
<T
<4 mm
<1.5 mm
<T
a
b
c
Acceptable Qty
<2 mm
<
W/4
<T
Ignore
<3 mm
<W/4
<T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com