Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 54 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 54 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 50Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 58Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 54
#define AUTO_POLARITY
0x01 //Automatically detects polarity for reset and
//power (recommended)
#define RESET_INVERT
0x02 //Reset pin drives high instead of low
#define POWER_INVERT
0x04 //Power pin drives high instead of low
#define LCD_OFF_IF_HOST_IS_OFF 0x10
#define KEYPAD_RESET
0x20
#define KEYPAD_POWER_ON
0x40
#define KEYPAD_POWER_OFF
0x80
type: 0x1C = 2810
data_length: 1
or 2
data[0]: bit mask of enabled functions
data[1]: (optional) length of power on & off pulses in 1/32 second
1 = 1/32 sec
2 = 1/16 sec
The return packet will be:
type: 0x40 | 0x1C = 0x5C = 9210
data_length: 0
16 = 1/2 sec
254 =
7.9 seconds
255 =
Assert power control line until host power state changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com