Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 29 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 29 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 33Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 29
USB HOST AND POWER CONNECTIONS
To download and install the FTDI USB certified driver for Vista, XP, or a Mac operating system, follow the three-step
installation instructions here: http://www.crystalfontz.com/software/usb/index.html.
See also CrystalControl2 software here: http://www.crystalfontz.com/product/CrystalControl2.
USB Connection to Host
In order to keep the CFA633-RDI-KU as thin as possible, the CFA633-RDI-KU uses a very low profile 2 mm latching
polarized connector for USB connection. Crystalfontz offers two cables that make the connection between the
CFA633-RDI-KU and the host. The WRUSBY03 (6-foot) has the mating 2 mm connector on one end and a standard
“USB A” on the other end. The WRUSBY11 (27-inch) has the mating 2 mm connector on one end and standard single
pin connectors on the opposite end. These single pin connectors are suitable to plug directly onto the USB headers
typically found on motherboards.
If you would like to make your own cable, the connector on the CFA633-RDI-KU is:
FCI/Berg 95000-004: SMT 2mm connector, 4-position, polarized
The mating housing and crimping contact for the cable are:
FCI/Berg 90312-004: Housing, 2 mm connector, 4-position, polarized
FCI/Berg 77138-001: Crimping Contact (4 pieces required)
FAN CONNECTIONS
The CFA633-RDI-KU supports up to 4 standard “3-pin” cooling fans. The fan connectors are compatible with industry
standard “3-pin” fans.
Figure 11. Four Fan Connectors
c 2010
America, Inc.
Crystalfontz
//
FAN2
FAN1
J_DOW
J_PWR
TACH
GND
GND
PWR
TACH
FAN3
FAN4
PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com