Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 56 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 56 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 60Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 56
Please Note: Previous and future firmware versions may return fewer or additional bytes.
31 (0x1F): Send Data to LCD
This command allows data to be placed at any position on the LCD.
type: 0x1F = 3110
data_length = 3 to 18
data[0]: col = x = 0 to 15
data[1]: row = y = 0 to 1
data[2-21]: text to place on the LCD, variable from 1 to 16 characters
The return packet will be:
type: 0x40 | 0x1F = 0x5F = 9510
data_length = 0
Send Data to LCD is one of the items stored by the command 4 (0x04): Store Current State As Boot State (Pg. 37).
32: Reserved for CFA631 Key Legends
33 (0x21): Set Baud Rate
This command will change the CFA633’s baud rate. The CFA633 will send the acknowledge packet for this command
and change its baud rate to the new value. The host should send the baud rate command, wait for a positive
acknowledge from the CFA633 at the old baud rate, and then switch itself to the new baud rate. The baud rate must be
saved by the command 4 (0x04): Store Current State As Boot State (Pg. 37) if you want the CFA633 to power up at the
new baud rate.
The factory default baud rate is 19200.
type: 0x21 = 3310
data_length = 0
data[0]: 0 = 19200 baud
1 = 115200 baud
The return packet will be:
type: 0x40 | 0x21 = 0x61 = 9710
data_length = 0
34 (0x22): Set or Set and Configure GPIO Pins
The CFA633 (hardware versions v1.4 and up, firmware versions 1.9 and up) has five pins for user-definable general
purpose input / output (GPIO). These pins are shared with the DOW and ATX functions. Be careful when you configure
the GPIO if you want to use the ATX or DOW at the same time.
The architecture of the CFA633 allows great flexibility in the configuration of the GPIO pins. They can be set as input or
output. They can output constant high or low signals or a variable duty cycle 100 Hz PWM signal.
In output mode using the PWM (and a suitable current limiting resistor), an LED may be turned on or off and even
dimmed under host software control. With suitable external circuitry, the GPIOs can also be used to drive external logic
or power transistors.
The CFA633 continuously polls the GPIOs as inputs at 32 Hz. The present level can be queried by the host software at
a lower rate. The CFA633 also keeps track of whether there were rising or falling edges since the last host query (subject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com