Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 3 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 3 Page - Crystalfontz America, Inc.

  CFA633-RDI-KU Datasheet HTML 1Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 2Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 3Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 4Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 5Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 6Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 7Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 8Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 3
Data Sheet Revision History (Continued)
2011/06/01
Data Sheet version: v3.2
Changes since last revision:
Wherever listed, changed part numbers to reflect improvement from
“standard” to “wide temperature”.
- Operating temperature range from a “minimum 0°C to maximum +50°C”
to “minimum -20°C to +70°C maximum”.
- Storage temperature range from a “minimum-10°C to maximum +60°C”
to “minimum -30°C to +80°C maximum”.
Wherever listed, changed classification code for red variant part numbers
from “CFA633-RMC-KS” to “CFA633-RDI-KS” and from “CFA633-RMC-
KU” to “CFA633-RDI-KU”. The change from “M” to “C” reflects an
improvement in the glass from “STN” to “FFSTN”.
In Physical Characteristics, decreased weight from 48 grams (typical) to
42 grams (typical). USB interface is integrated and no longer needs a
mounted USB interface board.
Revised illustrations in Module Outline Drawings to show layout changes
on the back of the PCB.
Revised Jumper Locations and Functions to reflect new PCB layout.
In Supply Voltages and Current typical current consumption, changed
specifications for +5v for logic (LCD + microcontroller) and +12v for
backlight (at 100%). For changes, see Hardware revision table above.
Illustrations throughout CONNECTION INFORMATION section have been
revised to reflect changes in PCB layout.
In addition to the list above, wherever needed, made minor modifications
in text and illustrations to improve clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com