Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 28 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 28 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 28Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 29Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 30Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 31Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 32Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 28
System hard power off. If POWER-ON SENSE is high (+5v) pressing the red X key for 4 seconds will turn the
system off by driving the POWER CONTROL line. The line will be driven for a minimum of the pulse width set by
command 28 (0x1C): Set ATX Power Switch Functionality (Pg. 52) (1.0 seconds default). If the user continues to
press the key, the CFA633-RDI-KU will continue to drive the line for up to an additional 5 seconds.
System hard reset. If POWER-ON SENSE is high (+5v) pressing the green check key for 4 seconds will reset
the system off by driving the RESET line for 1 second. The CFA633-RDI-KU will reboot itself immediately after
resetting the host.
Since the computer and LCD module must look off if the computer's power is off, the CFA633-RDI-KU can be configured
to monitor the POWER-ON SENSE line and blank its display any time the POWER-ON SENSE line is low. If +12v
remains active (which would not be expected, since the host is "off"), the fans will remain on at their previous settings.
Here is an illustration of how the optional Crystalfontz WR-PWR-Y14 cable connects to the CFA633 connector J8 and
your ATX power supply:
Figure 10. ATX Power Supply and Control Using Crystalfontz WR-PWR-Y14 Cable
22-27-2071
(Molex)
Housing: A26962-ND
Crimp Terminal: A3004-ND
(Typical)
Housing: 22-01-3077
Crimp Terminal: 08-50-00114
(Molex)
Housing: 51065-0300
Terminal: 50212-8100
(Molex)
Connect to your system's
motherboard.
WR-PWR-Y14
CABLE
China
1
1
A
K
+5V
GND
I/O
c 2010
America, Inc.
Crystalfontz
//
GND
R2
QF2
J_DOW
J_USB
Q1
U4
R1
R23
R20
R19
R21
R22
R18
R25
R24
R26
R27
R29
R28
R30
R31
R33
R32
QF1
QF3
QF4
D1
R14
QBL
C17
C23
C19
C20
C22
C24
C16
C14
RPK1
RPK2
RSK
RPL1
RPL2
RSL
PWR
D-
D+
GND
JP1
JP13
JP2
JP3
JP4
JP5
JP6
JP10
J8
JP11
JP12
JP8
JPUSBPWR
JP7
JPGPIO1
A
K
TACH
GND
7
J_PROG
FAN 4
FAN 3
J_PWR
FAN 2
FAN 1
J_DOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com