Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 24 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 24 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 20Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 26Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 27Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 28Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 24
DC CHARACTERISTICS
ESD (ELECTRO-STATIC DISCHARGE) SPECIFICATIONS
The circuitry is industry standard CMOS logic and susceptible to ESD damage. Please use industry standard antistatic
precautions as you would for any other static sensitive devices such as expansion cards, motherboards, or integrated
circuits. Ground your body, work surfaces, and equipment.
LED BACKLIGHT INFORMATION
The backlight uses LEDs. The backlight is easy to use properly but it is also easily damaged by abuse.
LEDs are “current” devices. The brightness is controlled by the current flowing through it, not the voltage across it. Ideally,
a current source would be used to drive the LEDs. A simple current limiting resistor works well in most applications and
is much less complex than a current source.
DC
CHARACTERISTICS
TEST
CONDITIONS
Supply Voltage for Logic
TOP =-30°C to +70°C
VDD - GND
+4.75v
+5.0v
+5.25v1
LCD Driver Voltage
Ta = 25°C
VLCD
+4.8v
+5.0v
+5.2v
Input High Voltage
VDD = +5v
VIH
VDD-1.0v
VDD
Input Low Voltage
VIL
0v (GND)
+0.6v
Output High Voltage
VOH
+0.9VDD
Output Low Voltage
VOL
0v (GND)
+0.1VDD
1Do not exceed +5.25v maximum.
NOTE
For modules with white backlights (CFA633-TFH-Kx
and CFA633-TMI-Kx
), we recommend
that the backlight be dimmed or turned off during periods of inactivity to conserve the LEDs’ lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com