Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KU Datasheet(PDF) 22 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 22 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 18Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 19Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 20Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 21Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 22Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 23Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 24Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 25Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 26Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 22
SUPPLY VOLTAGES AND CURRENT
DRIVING METHOD
SPECIFICATION
Duty
1/16
Bias
1.5
SUPPLY VOLTAGE
Supply voltage for driving the LCD module (logic)
+4.75v
+5.0v
+5.25v
Supply voltage for backlight*
+11v
+12v
+13v
Supply voltage to run fans*
+4.75v
+12v
+13v
*JP7 must be opened for the operating range of +12v fans (optional) to be different from +12v
backlights (listed in this table). If JP7 is closed (which is the default), then the voltage specifi-
cation range for backlights must be observed for both backlights AND fans.
TYPICAL CURRENT CONSUMPTION
SPECIFICATION
+5v for logic (LCD + microcontroller)
12 mA
+12v for backlight (at 100%)
60 mA
Note
Draw on +12v for optional fans will vary, depending on user equipment
connected to FAN1 through FAN4.
Maximum continuous current draw must be <1.5 A per fan
connector, no more than 4 A total.
Maximum pulsed current draw may be up to 5 A per connector. The
pulse width must be less than 50 mS. (This pulse specification
allows for the fan's start-up current spike.)
GPIO CURRENT LIMITS
SPECIFICATION
Sink
25 mA
Source
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com