Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 14Page - Microsemi Corporation VSC8221 Datasheet HTML 15Page - Microsemi Corporation VSC8221 Datasheet HTML 16Page - Microsemi Corporation VSC8221 Datasheet HTML 17Page - Microsemi Corporation VSC8221 Datasheet HTML 18Page - Microsemi Corporation VSC8221 Datasheet HTML 19Page - Microsemi Corporation VSC8221 Datasheet HTML 20Page - Microsemi Corporation VSC8221 Datasheet HTML 21Page - Microsemi Corporation VSC8221 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
18 of 26
26
A1
MODDEF0/
CLKOUT
O
The functionality of this signal pin depends on the value for Mii Register 21E.15
‘SFP Mode’ which is set at startup. Refer to “Hardware Configuration Using
CMODE pins,” page 53, and “EEPROM interface,” page 57 for details on
configuration at startup.
MODDEF0 – Active Low PHY Ready indicator Output (valid in SFP Mode,
when Mii Register 21E.15 = 1).
This output is driven high immediately on PHY power-up or reset. This signal is
asserted low after the PHY startup sequence has completed and the PHY has
enabled access to the EEPROM connected to the EEPROM interface through the
Serial Management interface. The minimum time this signal is high before being
driven low is 10ms. The maximum time depends on the startup information stored
in the EEPROM. Refer to “PHY Startup and initialization,” page 61 and “EEPROM
interface,” page 57 for details.
CLKOUT – 125MHz Clock Output
(valid in iEEE Mode, when Mii Register 21E.15 = 0).
The PHY drives a 125MHz clock output after the PHY startup sequence has
completed. This clock can be disabled by clearing Mii Register 18.0. The voltage
levels of this clock are determined by the VDDiO power supply.
Table 6. Regulator Control and Analog Bias Signals
100 TFBGA
BALL
Signal Name
Type
Description
E10
REFREXT
ABiAS
REFREXT - Reference External Resistor.
Bias pin connects through external 2k
Ω (1%) resistor to analog ground.
F10
REFFiLT
ABiAS
REFFiLT - Reference Filter.
Filter internal reference through external 0.1
µF (10%) capacitor to analog ground.
C10
REGEN
ABiAS
REGEN- Regulator Enable.
Tie to VDD33A (3.3v) to enable the internal 1.2v regulator for normal chip
operation.
D10
REGOUT
ABiAS
REGOUT - Regulator Supply Output.
This is the output of the on-chip switching regulator, which generates the primary
1.2v power supply voltage VDD12. REGOUT must be connected to an off-chip
“LC” filter. See Section 9: “System Schematics” for more information.
Table 5. System Clock interface Signals (SCi) (continued)
100
TFBGA
BALL
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com