Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 42 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 42 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 38Page - Microsemi Corporation VSC8221 Datasheet HTML 39Page - Microsemi Corporation VSC8221 Datasheet HTML 40Page - Microsemi Corporation VSC8221 Datasheet HTML 41Page - Microsemi Corporation VSC8221 Datasheet HTML 42Page - Microsemi Corporation VSC8221 Datasheet HTML 43Page - Microsemi Corporation VSC8221 Datasheet HTML 44Page - Microsemi Corporation VSC8221 Datasheet HTML 45Page - Microsemi Corporation VSC8221 Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
42 of 43
43
Link10/Activity1
1
No link in 10BASE-T
0
Valid 10BASE-T link
Pulse-stretch/Blink2
(optional) Valid 10BASE-T link and activity present
Link10/100/Activi-
ty1
1
No link in 10BASE-T or 100BASE-Tx
0
Valid 10BASE-T link or valid 100BASE-Tx link
Pulse-stretch/Blink2
(optional) Valid 10BASE-T link or valid 100BASE-Tx link and activity present
Link100/1000/
Activity1
1
No link in 100BASE-Tx or 1000BASE-T
0
Valid 100BASE-Tx link or valid 1000BASE-T link
Pulse-stretch/Blink2
(optional) Valid 100BASE-Tx link or valid 1000BASE-T link and activity present
Link/Act3
1
No link in any speed
0
Valid link in any speed
Pulse-stretch/Blink2
Valid link in any speed and activity present
Collision
1
No collisions detected
Pulse-stretch/blink2
Collisions detected
Activity
1
No activity
Pulse-stretch/blink2
Activity present
Fiber
1
No valid 1000BASE-X link established
0
Fiber media detected on SerDes interface and valid 1000BASE-X link established
Fault
1
No iEEE Clause 37/28 auto-negotiation fault
0
iEEE Clause 37/28 auto-negotiation fault
Serial
**
See serial interface specification
Duplex/Collision4
1
Link established in half-duplex mode, or no link established
0
Link established in full-duplex mode
Pulse-stretch/Blink2
(optional) Link established in half duplex mode and collisions present
Rx
1
No activity on Rx side
Pulse-stretch/blink2
Activity present on Rx side
Tx
1
No activity on Tx side
Pulse-stretch/blink2
Activity present on Tx side
1 The “Linkxxx” functions are combined with “Activity” by default. To use the LED as a dedicated “Linkxxx,” LED Mii register bit 27.1 must be set.
2 Function can either blink or be pulse-stretched when active. See Table 22 below.
3 The “Link” functions are combined with “Activity” by default. To use the LED as a dedicated “Link,” LED Mii Register bit 27.2 must be set.
4 The “Duplex” function is combined with “Collision” by default. To use the LED as a dedicated “Duplex,” LED Mii register bit 27.0 must be set.
Table 21. Parallel LED Functions (continued)
Function Name
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com