Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 61Page - Microsemi Corporation VSC8221 Datasheet HTML 62Page - Microsemi Corporation VSC8221 Datasheet HTML 63Page - Microsemi Corporation VSC8221 Datasheet HTML 64Page - Microsemi Corporation VSC8221 Datasheet HTML 65Page - Microsemi Corporation VSC8221 Datasheet HTML 66Page - Microsemi Corporation VSC8221 Datasheet HTML 67Page - Microsemi Corporation VSC8221 Datasheet HTML 68Page - Microsemi Corporation VSC8221 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
65 of 106
106
23 PHY REGISTER SET
23.1 PHY Register Names and Addresses
Table 32. PHY Register Names and Addresses
Register Name
Register Number
Register Address
(hex)
Mode Control
0
00
Mode Status
1
01
PHY identifier Register # 1
2
02
PHY identifier Register # 2
3
03
Auto-Negotiation Advertisement
4
04
Auto-Negotiation Link Partner Ability
5
05
Auto-Negotiation Expansion
6
06
Auto-Negotiation Next-Page Transmit
7
07
Auto-Negotiation Link Partner Next Page Receive
8
08
1000BASE-T Control
9
09
1000BASE-T Status Register # 1
10
0A
Reserved
11
0B
Reserved
12
0C
Reserved
13
0D
Reserved
14
0E
1000BASE-T Status Register #2
15
0F
Reserved
16
10
Reserved
17
11
Bypass Control
18
12
Reserved
19
13
Reserved
20
14
Reserved
21
15
Control & Status
22
16
PHY Control # 1
23
17
PHY Control # 2
24
18
interrupt Mask
25
19
interrupt Status
26
1A
LED Control
27
1B
Auxiliary Control & Status
28
1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com