Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 46Page - Microsemi Corporation VSC8221 Datasheet HTML 47Page - Microsemi Corporation VSC8221 Datasheet HTML 48Page - Microsemi Corporation VSC8221 Datasheet HTML 49Page - Microsemi Corporation VSC8221 Datasheet HTML 50Page - Microsemi Corporation VSC8221 Datasheet HTML 51Page - Microsemi Corporation VSC8221 Datasheet HTML 52Page - Microsemi Corporation VSC8221 Datasheet HTML 53Page - Microsemi Corporation VSC8221 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
50 of 50
50
16.3 in-Line Powered Device Detection (Cisco Method)
This section describes the flow process an Ethernet switch must perform in order to process in-line power requests made by a
link partner (LP) capable of receiving in-line power.
1.
The in-line powered device detection mode is enabled by setting Mii Register bit 23E.10 = 1 and ensuring that the
Auto-Negotiation Enable Bit is set (Mii Register 0.12 = 1). An interrupt can also be asserted on the MDiNT pin when in-
line power is needed. This is set by Mii Register 25.9 = 1 and ensuring Mii Register 25.15 = 1 in order to enable the
MDiNT pin.
2.
The PHY will then start sending a special Fast Link Pulse (FLP) signal to the LP. Mii Register 23E.9:8 will equal 00
during the search for devices needing in-line power.
3.
The PHY monitors for the special FLP signal looped back by the LP. An LP device capable of receiving in-line power
will loopback the special FLP pulses when it is in a powered-down state. This is reported when Mii Register 23E.9:8 =
01. if enabled, an interrupt on the MDiNT pin will also be asserted. This can be verified as an in-line power detection
interrupt by reading Mii Register 26.9 = 1, which will subsequently be cleared and the interrupt de-asserted after the
read. if an LP device does not loopback the special FLP after a specific time, then Mii Register 23E.9:8 = 10.
4.
if the PHY reports that the LP needs in-line power, then the Ethernet switch needs to enable in-line power to this port
external of the PHY.
5.
The PHY automatically disables in-line powered device detection after Event #3 above and now changes to the normal
Auto-negotiation process. A link is then auto-negotiated and established when the link status register is set (Mii Regis-
ter bit 1.2 = 1).
6.
in a link down event (Mii Register bit 1.2 = 0), the in-line power should be disabled to the in-line powered device exter-
nal of the PHY. The PHY will disable the normal auto-negotiation process and re-enable in-line powered device detec-
tion mode.
16.4 iEEE 802.3af (DTE Power via MDi)
The VSC8221 is fully compatible with switch designs used in systems that supply power to DTE (Data Terminal Equipment) by
means of a MDi (Media Dependent interface, or twisted pair cable), as specified by iEEE 802.3af standard (Clause 33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com