Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 86 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 82Page - Microsemi Corporation VSC8221 Datasheet HTML 83Page - Microsemi Corporation VSC8221 Datasheet HTML 84Page - Microsemi Corporation VSC8221 Datasheet HTML 85Page - Microsemi Corporation VSC8221 Datasheet HTML 86Page - Microsemi Corporation VSC8221 Datasheet HTML 87Page - Microsemi Corporation VSC8221 Datasheet HTML 88Page - Microsemi Corporation VSC8221 Datasheet HTML 89Page - Microsemi Corporation VSC8221 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
86 of 106
106
23.2.24 Register 23 (17h) – PHY Control Register #1
23.15:12, 2:1– MAC/Media interface Mode Select
Bits 23.15:12 and 23.2:1 are used to select the MAC interface modes and media interface modes. The reset value for these bits
is dependent upon the state of the MAC interface bits in the CMODE hardware configuration. All combinations of these bits not
indicated below are reserved:
Note: For more information about VSC8221 operating modes, see Designing a Copper SFP using the VSC8221 application
note available on the Microsemi Web site.
Register 23 (17h) – PHY Control Register #1
Bit
Name
Access States
Reset
Value
Sticky
15:12 MAC/Media interface Mode Select
RWSW
See Table 33 below
CMODE
11:4
Reserved1
1 Writes to Mii Register 23 must preserve the value of bits 11:4, i.e., all writes to Mii Register 23 must be in the format xA2xh.
RO
1010 0010
3
Far End (Media-Side) Loopback
Enable
R/W
1 = Far End (Media side) loopback is enabled
0 = Far End (Media side) loopback is disabled
0
2:1
MAC/Media interface Mode Select
RWSW
See Table 33 below
CMODE
0
EEPROM Status
RO
1 = EEPROM is detected on EEPROM interface
0 = EEPROM is not detected on EEPROM inter-
face
0
Table 33. PHY Operating Modes
Operating
Mode
Category
Mii
Register
23.15:12,
23.2:1
CMODE2
[3:0]
MAC
interface
Media interface
Other Settings
Serial MAC
PHY Oper-
ating Modes
1111,00
0100
802.3z Ser-
Des
CAT5
Clause 37 disabled
1110, 01
1110
802.3z Ser-
Des
CAT5
Clause 37 enabled
1110,10
1010
802.3z Ser-
Des
CAT5
Clause 37 enabled, Media Convertor Mode
1110,00
0000
802.3z Ser-
Des
CAT5
With Clause 37 Auto-Negotiation Detection
1010,01
1111
SGMii
CAT5
625Mhz SCLK Clock Disabled
1000,01
0101
SGMii
CAT5
625MHz SCLK Clock Enabled
1001,00
SGMii
CAT5
Modified Clause 37 Auto-Negotiation disabled,
625MHz SCLK Clock Enabled
1011,00
SGMii
CAT5
Modified Clause 37 Auto-Negotiation disabled,
625MHz SCLK Clock Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com