Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 95 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 91Page - Microsemi Corporation VSC8221 Datasheet HTML 92Page - Microsemi Corporation VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
95 of 106
106
28.12 – CD Pair Swap1
When bit 28.12 returns a “1”, the PHY has determined that subchannel cable pairs C and D have been swapped between the
far-end transmitted and the receiver. When bit 28.12 returns a “1”, the PHY internally swaps pairs C and D (as long as bit 18.5 is
set to “0”).1
28.11 – A Polarity inversion
When bit 28.11 returns a “1”, the PHY has determined that the polarity of subchannel cable pair A has been inverted between
the far-end transmitter and the near-end receiver. When bit 28.11 returns a “1”, the PHY internally corrects the pair inversion.
Polarity-inversion correction runs in all three modes; as a result, the state of 28.11 is valid only when bit 1.5 is set to “1”.
28.10 – B Polarity inversion
When bit 28.10 returns a “1”, the PHY has determined that the polarity of subchannel cable pair B has been inverted between
the far-end transmitter and the near-end receiver. When bit 28.10 returns a “1”, the PHY internally corrects the pair inversion.
Polarity-inversion correction runs in all three modes; as a result, the state of 28.10 is valid only when bit 1.5 is set to “1”.
28.9 – C Polarity inversion2
When bit 28.9 returns a “1”, the PHY has determined that the polarity of subchannel cable pair C has been inverted between the
far-end transmitter and the near-end receiver. When bit 28.9 returns a “1”, the PHY internally corrects the pair inversion.
Polarity-inversion correction runs in all three modes; as a result, the state of 28.9 is valid only when bit 1.5 is set to “1”.
28.8 – D Polarity inversion1
When bit 28.8 returns a “1”, the PHY has determined that the polarity of subchannel cable pair D has been inverted between the
far-end transmitter and the near-end receiver. When bit 28.8 returns a “1”, the PHY internally corrects the pair inversion.
Polarity-inversion correction runs in all three modes; as a result, the state of 28.8 is valid only when bit 1.5 is set to “1”.
28.7 – Reserved
28.6 - Enable Enhanced ActiPHY Mode
When bit 28.6 is set to a “1”, the enhanced ActiPHY power management mode is set in the VSC8221. The reset value for this bit
is determined by the Enhanced ActiPHY bit in the CMODE hardware configuration.
28.5 – FDX Status
Bit 28.5 indicates the actual FDX/HDX operating mode of the PHY.
28.4:3 – Speed Status
Bits 27.4:3 indicate the actual operating speed of the PHY.
28.2 – Reserved
This bit must always be set to ‘1’.
28.1:0 - Enhanced ActiPHYTM Sleep Timer
This sets the time period the PHY stays in ‘Low Power’ State when Enhanced ActiPHYTM mode is enabled, before entering the
‘LP Wake-up State’. Refer to Section 15 on page 47 for details.
1This bit applies only in 1000BASE-T mode.
2This bit applies only in 1000BASE-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com