Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 18Page - Microsemi Corporation VSC8221 Datasheet HTML 19Page - Microsemi Corporation VSC8221 Datasheet HTML 20Page - Microsemi Corporation VSC8221 Datasheet HTML 21Page - Microsemi Corporation VSC8221 Datasheet HTML 22Page - Microsemi Corporation VSC8221 Datasheet HTML 23Page - Microsemi Corporation VSC8221 Datasheet HTML 24Page - Microsemi Corporation VSC8221 Datasheet HTML 25Page - Microsemi Corporation VSC8221 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
22 of 26
26
Table 10. LED interface Signals
100
TFBGA
BALL
Signal Name
Type
Description
A4,A3,B3
LED2
LED1
LED0
OZC
LED - Direct-Drive LED Outputs.
After reset, these pins serve as the direct drive, low EMi, LED driver output pins.
All LEDs pins are active-low and driven at a 3.3V logic-high through the VDD33A
analog power supply. The function of each LED can be set using hardware
configuration or via Mii Register 27. Refer “Hardware Configuration Using
CMODE pins,” page 53 and Mii Register 27 for details.
Table 11. Serial MAC interface Signals
100
TFBGA
BALL
Signal
Name
Type
Description
K9,K10
TDP
TDN
iDiFF
Transmitter Data Differential input Pair.
Differential 1.25Gbaud receiver inputs with register selectable on-chip 100
Ω or 150Ω
differential termination. The TDP and TDN signals should be AC-coupled with external
0.01
µF series capacitors. See Section 9: “System Schematics” for further information.
K8,K7
RDP
RDN
ODiFF
Receiver Data Differential Output Pair.
Differential 1.25 Gbaud transmitter outputs. External 0.01
µF AC coupling capacitors
should be located on the PHY side. The register selectable 100
Ω or 150Ω differential
termination should be placed near the MAC side. For more information, see Section 9.1,
“System Schematic - SGMii/802.3z SerDes MAC to 1000Mbps CAT5 Media PHY
Operating Mode” on page 9-27. For more information on adjusting the output swing of
these pins, see “Register 17E (11h) - Serdes Control Register,” page 98.
J7,J8
SCLKP
SCLKN
ODiFF
SGMii Clock Differential Output Pair.
This signal pair is a differential 625MHz SGMii clock for the SGMii data in accordance
with Cisco’s SGMii specification. These pins should be AC-coupled with external 0.01
µF
series capacitors or left unconnected when not used. For more information, see Section
9.1, “System Schematic - SGMii/802.3z SerDes MAC to 1000Mbps CAT5 Media PHY
Operating Mode” on page 9-27. For more information on adjusting the output swing of
these pins, see “Register 17E (11h) - Serdes Control Register,” page 98.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com