Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 39Page - Microsemi Corporation VSC8221 Datasheet HTML 40Page - Microsemi Corporation VSC8221 Datasheet HTML 41Page - Microsemi Corporation VSC8221 Datasheet HTML 42Page - Microsemi Corporation VSC8221 Datasheet HTML 43Page - Microsemi Corporation VSC8221 Datasheet HTML 44Page - Microsemi Corporation VSC8221 Datasheet HTML 45Page - Microsemi Corporation VSC8221 Datasheet HTML 46Page - Microsemi Corporation VSC8221 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
43 of 43
43
in addition to function selection, several options are available for the LED outputs through the use of Mii register 27.5:0. These
are summarized below:
13.1 Serial LED Output
A serial output option is available which allows access to all LED signals through two pins. This option is selected by setting
LED Pin 0 configuration bits to 01 on the PHY. in this mode, LED pins 1 and 2 function as serial data and clock. LED function
outputs for the PHY are clocked out on the rising edge of data clock. The clock rate is approximately 1MHz.
The serial bitstream outputs each LED signal as described by the numbered list below.The individual signals shall be clocked
out in the following order:
1.
Link1000/Act
2.
Link/Act
3.
Link100/Act
4.
Act
5.
Link10/Act
6.
Dup/Col
7.
Tx
8.
Col
9.
Rx
10. Fault
11. Fiber/Copper
Table 22. LED Output Options
Mii
Reg Bits
LED Option Bits
LED Function Selection
5
LED Pulse-stretch Rate/ Blink Rate
0 = 5 Hz blink rate/200 ms pulse-stretch
1 = 10 Hz blink rate/100 ms pulse-stretch
4
LED Pulsing Enable
1 = Enable 5 kHz, 20% duty cycle LED pulsing for power
savings
0 = LED pulsing disabled
3
LED Pulse-Stretch / Blink Select
1 = Collision, Activity, Rx and Tx functions will flash at a rate
selected by Blink/Pulse-Stretch Rate bits
0 = Collision, Activity, Rx and Tx functions will blink at a rate
selected by Blink/Pulse-Stretch Rate bits
2
Link/Activity Behaviour
1 = Link function indicates link status only
0 = Link/Activity function will blink or flash when activity is pres-
ent. Blink/flash behavior is selected by Pulse-Stretch
Enable and Blink/Pulse-Stretch Rate bits.
1
LED Linkxxxx/Activity1 Behavior
1 Linkxxxx/Activity stands for Link10/Activity,Link100/Activity,Link1000/Activity,Link10/100/Activity and Link100/1000/Activity. its
definition does not include the Link/Activity function.
1 = Link function indicates link status only
0 = All link functions will blink or flash when activity is present.
Blink/flash behavior is selected by Pulse-Stretch Enable
and Blink/Pulse-Stretch Rate bits.
0
LED Duplex/Collision Behavior
1 = Duplex function indicates duplex status only
0 = Duplex function will blink or flash when collision is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com