Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 78Page - Microsemi Corporation VSC8221 Datasheet HTML 79Page - Microsemi Corporation VSC8221 Datasheet HTML 80Page - Microsemi Corporation VSC8221 Datasheet HTML 81Page - Microsemi Corporation VSC8221 Datasheet HTML 82Page - Microsemi Corporation VSC8221 Datasheet HTML 83Page - Microsemi Corporation VSC8221 Datasheet HTML 84Page - Microsemi Corporation VSC8221 Datasheet HTML 85Page - Microsemi Corporation VSC8221 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
82 of 106
106
18.15 – Reserved
18.14 – Bypass 4B5B Encoder/Decoder 1
When bit 18.14 is set to “1”, the 5B codes (TXER and TXD[3:0]) will be passed from the Mii interface directly to the scrambler,
bypassing the 4B5B encoder. Note that in this mode, J/K and T/R code insertion will not be performed. The receiver will pass
descrambled/aligned 5B codes directly to the Mii interface (RXER and RXD[3:0]), bypassing the 4B5B decoder. Carrier sense
(CRS) is still asserted when a valid frame is detected.
18.13 – Bypass Scrambler2
When bit 18.13 is set to “1”, the scrambler is disabled.
18.12 – Bypass Descrambler2
When bit 18.12 is set to “1”, the descrambler is disabled.
18.11:9 – Reserved
18.8 – Transmitter Test Clock Enable
When a “1” is written to bit 18.8, the CLKOUTMiCRO output pin becomes a test pin for the transmit clock “TXCLK”. This
capability is intended to enable measurement of transmitter timing jitter, as specified in iEEE Standard 802.3-2002, section
40.6.1.2.5. When in iEEE-specified transmitter test modes 2 or 3 (see iEEE 802.3-2002, section 40.6.1.1.2 and Mii Register bits
9.15:13), the peak-to-peak jitter of the zero-crossings of the differential signal output at the MDi, relative to the corresponding
edge of TXCLK, is measured. The corresponding edge of TXCLK is the edge of the transmit test clock, in polarity and time, that
generates the zero-crossing transition being measured.
While transmitter test mode clock TXCLK is intended only for characterization test purposes, CLKOUTMiCRO is intended to
serve as a general purpose system or MAC reference clock.
18.7:6 – Reserved
7:6
Reserved
RO
01
5
Disable Automatic Pair Swap Cor-
rection
R/W
1=Disable
0=Enable
0
4
Disable Polarity inversion
R/W
1=Disable
0=Enable
0
3
Parallel-Detect Control
R/W
1 = Do not ignore advertised ability
0 = ignore advertised ability
1
S
2
Reserved
RO
0
1
Disable Automatic 1000BASE-T
Next-Page Exchange
R/W
1 = Disable automatic 1000BASE-T Next-Page
exchanges
0 = Enable automatic 1000BASE-T Next-Page
exchanges
0
S
0
CLKOUT Output Enable
R/W
1 = Enable output clock pins CLKOUT
0 = Disable output clock pins CLKOUT
1
S
1This bit applies only in 100BASE-TX mode.
2This bit applies only in 100BASE-TX and 1000BASE-T modes.
Register 18 (12h) – Bypass Control Register
Bit
Name
Access
States
Reset
Value
Sticky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com