Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 1 Page - Microsemi Corporation

  VSC8221 Datasheet HTML 1Page - Microsemi Corporation VSC8221 Datasheet HTML 2Page - Microsemi Corporation VSC8221 Datasheet HTML 3Page - Microsemi Corporation VSC8221 Datasheet HTML 4Page - Microsemi Corporation VSC8221 Datasheet HTML 5Page - Microsemi Corporation VSC8221 Datasheet HTML 6Page - Microsemi Corporation VSC8221 Datasheet HTML 7Page - Microsemi Corporation VSC8221 Datasheet HTML 8Page - Microsemi Corporation VSC8221 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
VSC8221
Data Sheet
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
VMDS-10106 Revision 4.1
December 2006
Microsemi Corporation One Enterprise, Aliso Viejo, CA 92656 USA
sales.support@microsemi.com www.microsemi.com
1 of 1
1 GENERAL DESCRIPTION
Ideally suited for Ethernet Switches with SGMii/SerDes MAC
interfaces, Media Converter applications, and SFP/GBiC
modules, the industry-leading, low-power VSC8221 from
Microsemi integrates a high-performance 1.25Gbps SerDes
and a triple speed (10/100/1000BASE-T) transceiver,
providing unmatched tolerance to noise and cable plant
imperfections.
Consuming approximately 700mW and eliminating the need
for external power supply regulators, the device requires only
a single 3.3V power supply. To further minimize system
complexity and cost, the VSC8221's twisted pair interface
features fully integrated line terminations, exceptionally low
EMi, and robust Cable Sourced ESD (CESD) performance.
The VSC8221 offers direct connectivity to SGMii or SerDes
interfaces. in 1000BASE-X SerDes mode, the VSC8221 may
be used to connect a MAC to copper media (MAC to Cat-5)
or to 100BASE-FX (over its copper media interface). in SGMii
mode, the VSC8221 provides a fully compliant, 4-pin or 6-pin
interface to MACs. The 1000BASE-X SerDes and SGMii
interfaces offer either automatic or user-controlled auto-
negotiation priority resolution between the 1000BASE-X and
1000BASE-T auto-negotiation processes. A single chip
copper-to-optics Media Converter can be easily implemented
by simultaneous use of the SerDes and Cat-5 media
interfaces.
To minimize power consumption, the VSC8221 offers several
programmable power management modes. The device also
supports the comprehensive VeriPHY® Cable Diagnostics
feature from Microsemi, offering the system manufacturer
and iT administrator a complete suite of cable plant
diagnostics to simplify the manufacture, installation, and
management of Gigabit-over-copper networks.
2 FEATURES AND BENEFITS
3 APPLICATIONS
Features
Benefits
•
Very low power consumption
•
Reduces power supply costs
•
Fully compliant with SFP MSA’s power dissipation
specification of less than 1W maximum per module
•
Single 3.3V power supply with on-chip regulator
•
Eliminates external regulators, reducing system costs
•
SGMii & SerDes interfaces
•
Connects to serial MACs or optical modules
•
Supports triple-speed copper SFP/GBiC modules
•
Patented line driver with integrated line side termination
resistors
•
May allow use of SimpliPHY’d Magnetics with up to 50%
cost savings versus competition
•
Saves over 12 external components per port and
reduces PCB area and cost by 50%
•
Can enable a superior, FCC Class B capable EMi
solution for copper SFPs
•
Over 150m of Cat-5 reach with the industry’s highest
noise tolerance
•
Ensures trouble-free deployment in real world Ethernet
networks
•
Several flexible power management modes
•
Reduces power consumption and system cost
•
Small footprint 9mm x 9mm, 100-TFBGA package
•
Suitable for Gigabit switch ports, SFPs/GBiCs, and
media converters
•
Triple-speed SFP/GBiC modules
•
Media converters


Similar Part No. - VSC8221

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8221 VITESSE-VSC8221 Datasheet
473Kb / 2P
Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
logo
Pulse A Technitrol Comp...
VSC8221 PULSE-VSC8221 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8221

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8221 VITESSE-VSC8221 Datasheet
473Kb / 2P
Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
Broadcom Corporation.
BCM5421SA2KPF BOARDCOM-BCM5421SA2KPF Datasheet
134Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER WITH SERDES
logo
Dongguan Xinkang Electr...
QT24A01 TNK-QT24A01 Datasheet
105Kb / 1P
10/100/1000Base-T Single Port Transformer Module
logo
Microsemi Corporation
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
logo
List of Unclassifed Man...
NS692417 ETC-NS692417 Datasheet
205Kb / 2P
10/100/1000Base-T Single Port Transformer Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com