Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 57Page - Microsemi Corporation VSC8221 Datasheet HTML 58Page - Microsemi Corporation VSC8221 Datasheet HTML 59Page - Microsemi Corporation VSC8221 Datasheet HTML 60Page - Microsemi Corporation VSC8221 Datasheet HTML 61Page - Microsemi Corporation VSC8221 Datasheet HTML 62Page - Microsemi Corporation VSC8221 Datasheet HTML 63Page - Microsemi Corporation VSC8221 Datasheet HTML 64Page - Microsemi Corporation VSC8221 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
61 of 61
61
20 PHY STARTUP AND INITIALIZATION
The PHY Startup and initialization sequence is detailed in the flowchart below.
Figure 22. PHY Startup and initialization Sequence
Start - 3.3v supply is up
If RESETz=1
Is external 1.2v
supply up
Latch EEDAT,PLLMODE,OSCDISz and MDINTz
polarity using internally generated rising edge
Is REFCLK
input present
1.Perfom Hardware Initialization - i.e. overwrite
default PHY Register values based on resister
values on CMODE[3:0]
2.Store startup CMODE initialization values
3. Set Internal variable SR=0.
Perform EEPROM Initialization - i.e. overwrite
default PHY Register values using configuration
EEPROM data
If EEDAT=1
Is TXDIS/SRESETz deasserted
(The assertion polarity is based on
setting of Extended MII register
21E.15, which can be initialized
using Hardware or EEPROM
Initialization)
p
Y
N
Y
N
Y
Y
A
A
N
N
Drive out CLKOUT and CLKOUTMICRO if
enabled during Initialzation.
B
Start - 3.3v supply is up
If RESETz=0
B
Y
N
C
NORMAL STATE
Is TXDIS/
SRESETz
asserted
Y
N
C
If MII Register 22.9 ‘Sticky Reset Enable’=0
(On RESETz deassertion this bit will be set to 1)
If Extended MII Register 21E.14 ‘Reread
EEPROM on s/w reset’=1
(On RESETz deassertion this bit will be set to 0)
Y
If SR=1
1.Perfom Initialization - i.e. overwrite
default PHY Register values based on stored
CMODE values.
Perform EEPROM Initialization - i.e. overwrite
default PHY Register values using configuration
EEPROM data
If EEDAT=1
Y
N
Y
Y
Y
N
N
N
SR=1
1. Enter Normal Operating Mode
2. Release SMI for user access.
NORMAL STATE
N
If REGEN=1
1. Turn on on-chip
regulator and wait for
1.2v supply to come up.
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com