Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 12Page - Microsemi Corporation VSC8221 Datasheet HTML 13Page - Microsemi Corporation VSC8221 Datasheet HTML 14Page - Microsemi Corporation VSC8221 Datasheet HTML 15Page - Microsemi Corporation VSC8221 Datasheet HTML 16Page - Microsemi Corporation VSC8221 Datasheet HTML 17Page - Microsemi Corporation VSC8221 Datasheet HTML 18Page - Microsemi Corporation VSC8221 Datasheet HTML 19Page - Microsemi Corporation VSC8221 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
16 of 26
26
8.4 Detailed Pin Descriptions
O
Digital Output
Standard digital output signal.
OZC
impedance Controlled Output
50
Ω integrated (on-chip) source series terminated, digital output signal. Used
primarily for timing-sensitive, 125MHz clock output pins, in addition to high speed
manufacturing test mode pins.
ODiFF
Differential Output Pair
SerDes differential output pair, with on-chip 100
Ω or 150Ω differential terminations.
Pins should be AC-coupled with external 0.01
µF capacitors.
i/O
Digital Bidirectional
Tristate-able, digital input and output signal.
iPU/O
Digital Bidirectional
Tristate-able, digital input and output signal. includes on-chip 100k pull-up to
VDDiO,VDDiOMiCRO,VDDiOCTRL or the VDD33A supply. Refer to
Section 15: “Power Supply and Associated Functional Signals” for details.
iPD/O
Digital Bidirectional
Tristate-able, digital input and output signal. includes on-chip 100k pull-down to
GND.
OD
Digital Open Drain Output
Open drain digital output signal. Must be pulled to VDDiOMiCRO through an
external pull-up resistor.
ADiFF
Analog Differential
Analog differential signal pair for twisted pair interface.
ABiAS
Analog Bias
Analog bias or reference signal. Must be tied to external resistor and/or capacitor
bias network, as shown in Section 9: “System Schematics”.
iA
Analog input
Analog input for sensing variable voltage levels.
OS
Open Source
Open source digital output signal. Must be pulled to GND through an external pull-
down resistor.
P
Power Supply
Power supply connection. Must be connected to specified power supply plane.
G
GND
Ground Connection. Must be connected to ground.
NC
No Connect
No connect signal. Must be left floating.
Table 4. Configuration and Control Signals
100 TFBGA
Ball
Signal Name
Type
Description
B4,C5,B5,A5
CMODE3
CMODE2
CMODE1
CMODE0
iA
Hardware Chip Mode Select.
The CMODE inputs are used for hardware configuration of the various operating
modes of the PHY. Each pin has multiple settings, each of which is established by
an external 1% resistor tied to GND or VDD33A. See “Hardware Configuration
Using CMODE pins,” page 53 for details on configuring the PHY with the CMODE
pins.
A2
RESET
i
Hardware Chip Reset.
RESET is an active low input. When asserted, it powers down all of the internal
reference voltages and the PLLs. it resets all internal logic, including the DSPs and
the Mii Management Registers.
Hardware reset is distinct from soft reset which only resets the port to accept new
configuration based on register settings.
Table 3. Signal Type Descriptions (continued)
Symbol
Signal Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com