Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 83Page - Microsemi Corporation VSC8221 Datasheet HTML 84Page - Microsemi Corporation VSC8221 Datasheet HTML 85Page - Microsemi Corporation VSC8221 Datasheet HTML 86Page - Microsemi Corporation VSC8221 Datasheet HTML 87Page - Microsemi Corporation VSC8221 Datasheet HTML 88Page - Microsemi Corporation VSC8221 Datasheet HTML 89Page - Microsemi Corporation VSC8221 Datasheet HTML 90Page - Microsemi Corporation VSC8221 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
87 of 106
106
23.11:4 – Reserved
Writes to Mii Register 23 must preserve the value of bits 11:4, i.e., all writes to Mii Register 23 must be in the format xA2xh.
23.3 – Far End (Media-Side) Loopback Enable
When bit 23.3 is set to “1”, all incoming data from the link partner on the media interface is retransmitted back to the link partner
on the media interface. in addition, the incoming data will also appear on the RDP/RDN pins of the MAC interface. Any data
present on the TDP/TDN pins of the MAC interface is ignored by the VSC8221 when bit 23.3 is set. in order to avoid loss of
data, bit 23.3 should not be set while the VSC8221 is receiving data on the media interface. Bit 23.3 applies to all operating
modes of the VSC8221. When bit 23.3 is cleared, the VSC8221 resumes normal operation. This bit is cleared by default. Refer
to Section 17.3 on page 51.
23.0 – EEPROM Status
When bit 23.0 is set to “1”, an EEPROM has been detected on the external EEPROM interface. When cleared, bit 23.0 indicates
that no EEPROM has been detected.
23.2.25 Register 24 (18h) – PHY Control Register #2
24.15:13 – Reserved
These bits must always be written to as ‘111’.
24.12 - Enable PiCMG Miser Mode1
Setting bit 24.12 turns off some portions of the PHY's DSP block and reduces the PHY's Operating power. This bit can be set in
order to reduce power consumption in applications where the signal to noise ratio on the CAT-5 media is high, such as ethernet
over the backplane or where the cable length is short (<10m).
Register 24 (18h) – PHY Control Register #2
Bit
Name
Access
States
Reset
Value
Sticky
15:13 Reserved1
1 These bits must always be written to as ‘111’.
RO
111
S
12
Enable PiCMG Miser Mode2
2 See Section 11 on page 32 for more information.
R/W
1 = PiCMG miser mode is enabled
0 = PiCMG miser mode is disabled
0
S
11:10 Reserved
RO
00
9:7
TX FiFO Depth Control
R/W
000 to 010 = Reserved
011 = Jumbo packet mode
100 = iEEE mode
101 to 111 = Reserved
100
S
6:4
RX FiFO Depth Control
R/W
000 to 010 = Reserved
011 = Jumbo packet mode
100 = iEEE mode
101 to 111 = Reserved
100
S
3:1
Reserved
RO
000
0
Connector Loopback
R/W
1 = Active (See Section 17.3 on page 51 for
details)
0 = Disable
0
1See Section 11 on page 32 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com